Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82801A0404A070 Datasheet(PDF) 5 Page - EPCOS

Part # B82801A0404A070
Description  SMT current sense transformers EE 4.2 core
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801A0404A070 Datasheet(HTML) 5 Page - EPCOS

  B82801A0404A070 Datasheet HTML 1Page - EPCOS B82801A0404A070 Datasheet HTML 2Page - EPCOS B82801A0404A070 Datasheet HTML 3Page - EPCOS B82801A0404A070 Datasheet HTML 4Page - EPCOS B82801A0404A070 Datasheet HTML 5Page - EPCOS B82801A0404A070 Datasheet HTML 6Page - EPCOS B82801A0404A070 Datasheet HTML 7Page - EPCOS B82801A0404A070 Datasheet HTML 8Page - EPCOS B82801A0404A070 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
12/12
Please read Cautions and warnings and
Important notes at the end of this document.
With:
Bmax
Maximum magnetic flux density in the ferrite core of the current sense transformer
Vsense,max Maximum output voltage of the measurement signal
G
max
Maximum duty cycle
ns
Number of turns of the secondary winding of the current sense transformer
Ae
Effective magnetic area of the ferrite core
fosc
Operating frequency of the switching operator IC
Typical value for Ae: 1.44 x 10-6 m2
Typical Bmax: 200 mT
With:
RT
Resistance of burden resistor
Vsense,max Maximum output voltage of the measurement signal
ns
Number of turns on the secondary side of the CT
Iprim,max
Maximum primary current (peak current)
Characteristics and ordering codes
Lmin
PH
Turns ratio
Np : Ns
DC resistance
Rmax (m:)
Voltage-
time product
Recomm.
RT
Ordering code
primary
secondary
V
˜ μs
33
1 : 20
2.5
320
5.76
20
B82801A0333A020
74
1 : 30
2.5
800
8.6
30
B82801A0743A030
132
1 : 40
2.5
1300
11.5
40
B82801A0134A040
205
1 : 50
2.5
2200
14.4
50
B82801A0214A050
295
1 : 60
2.5
3600
17.3
60
B82801A0304A060
400
1 : 70
2.5
4600
20.0
70
B82801A0404A070
820
1 : 100
2.5
8700
28.8
100
B82801A0824A100
1280
1 : 125
2.5
13000
36.0
125
B82801A0135A125
1840
1 : 150
2.5
21000
43.2
150
B82801A0185A150
Bmax
Vsense max

Gmax
˜
ns Ae fosc
˜˜
-----------------------------------------
=
RT
Vsense max

ns
˜
Iprim max

-----------------------------------
=
B82801A
SMT current sense transformers
EE 4.2


Similar Part No. - B82801A0404A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82801A0404A070 EPCOS-B82801A0404A070 Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A0404A070 EPCOS-B82801A0404A070 Datasheet
508Kb / 9P
   SMT current sense transformers
More results

Similar Description - B82801A0404A070

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P8208T PULSE-P8208T Datasheet
82Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
   SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
   SMT Current Sense Transformers
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P822X PULSE-P822X Datasheet
63Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
   SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
   SMT CURRENT SENSE TRANSFORMERS
P8202NLT PULSE-P8202NLT Datasheet
246Kb / 2P
   smt Current Sense Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com