Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6350-3.6ST89RG Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM6350-3.6ST89RG
Description  450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6350-3.6ST89RG Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

  GM6350-3.6ST89RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6350-3.6ST89RG Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
GM6350
450mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Package Outline Dimensions – SOT 23
0.003 - 0.007
(0.08 - 0.18)
0.110 - 0.120
(2.80 - 3.04)
0.047 - 0.055
(1.20 - 1.40)
(1.91)
0.075
Typ.
0.083 - 0.104
(2.11 - 2.62)
0.0150 - 0.0200
(0.382 - 0.508)
Typ.
0.037
(0.93)
0.0005 - 0.0040
(0.025 - 0.102)
0 - 8 typ
0.013 - 0.017
(0.34 - 0.44)
Package Outline Dimensions – SOT 89
0.084 - 0.090
(2.13 - 2.28)
(4.39 - 4.59)
8
0.155 - 0.167
(3.94 - 4.24)
(2.28 - 2.59)
0.118 BSC
(2.99) BSC
0.059 BSC
(1.49) BSC
0.061 REF
(1.550 REF)
0.035 - 0.047
(0.89 - 1.19)
0.090 - 0.102
0.016 - 0.023
(0.400 - 0.580)
(0.320 - 0.520)
0.013 - 0.021
0.173 - 0.181
0.055 - 0.063
(1.39 - 1.60)
0.014 - 0.017
(0.35 - 0.43)


Similar Part No. - GM6350-3.6ST89RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350-3.0ST89R GAMMA-GM6350-3.0ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-3.3ST89R GAMMA-GM6350-3.3ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
More results

Similar Description - GM6350-3.6ST89RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com