Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7230-12TA5RG Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM7230-12TA5RG
Description  150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-12TA5RG Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM7230-12TA5RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM7230-12TA5RG Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
GM7230
150KHz, 3A STEP DOWN VOLTAGE
SWITCHING REGULATORS
Package Outline Dimensions
– TO-220B-5
0.394
– 0.408
(10.01
– 10.36)
Inches
(mm)
0.957
– 1.028
(24.3
– 26.1)
0.988
– 1.130
(25.1
– 28.7)
0.099
– 0.111
(2.52
– 2.82)
0.156
– 0.179
(3.95
– 4.55)
0.299
– 0.337
(7.60
– 8.55)
0.046
– 0.054
(1.17
– 1.37)
0.176
– 0.184
(4.47
– 4.67)
0.327
– 0.366
(8.30
– 9.30)
0.138
– 0.142
(3.51
– 3.61)
0.049
– 0.142
(1.25
– 3.60)
0.218
– 0.383
(5.53
– 9.75)
0.264
– 0.272
(6.70
– 6.90)
0.150
– 0.254
(3.80
– 6.45)
0.220 typ
(1.70 typ)
0.149
– 0.153
(3.79
– 3.89)


Similar Part No. - GM7230-12TA5RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-12TA5R ETC2-GM7230-12TA5R Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230-12TA5R GAMMA-GM7230-12TA5R Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - GM7230-12TA5RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com