Electronic Components Datasheet Search |
|
HCPL-0500-000E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-0500-000E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED |
9 / 17 page 9 Absolute Maximum Ratings Parameter Symbol Device Min. Max. Units Note Storage Temperature* T S -55 125 °C Operating Temperature* T A 8-Pin DIP -55 100 °C SO-8 Widebody -55 85 Average Forward Input Current* I F(AVG) 25 mA 1 Peak Forward Input Current* I F(PEAK) 8-Pin DIP 2 (50% duty cycle, 1 ms pulse width) SO-8 50 mA (50% duty cycle, 1 ms pulse width) Widebody 40 Peak Transient Input Current* I F(TRANS) 8-Pin DIP 1 A (≤1 µs pulse width, 300 pps) SO-8 Widebody 0.1 Reverse LED Input Voltage* (Pin 3-2) V R 8-Pin DIP 5 V SO-8 Widebody 3 Input Power Dissipation* P IN 8-Pin DIP 45 mW 3 SO-8 Widebody 40 Average Output Current* (Pin 6) I O(AVG) 8 mA Peak Output Current* I O(PEAK) 16 mA Emitter-Base Reverse Voltage* V EBR 5 V (Pin 5-7, except 4502/3, 0452/3) Supply Voltage (Pin 8-5) V CC -0.5 30 V Output Voltage (Pin 6-5) V O -0.5 20 V Supply Voltage* (Pin 8-5) V CC -0.5 15 V Output Voltage* (Pin 6-5) V O -0.5 15 V Base Current* (Pin 7, except 4502/3, 0452/3) I B 5 mA Output Power Dissipation* P O 100 mW 4 Lead Solder Temperature* (Through-Hole Parts Only) 1.6 mm below seating plane, 10 seconds T LS 8-Pin DIP 260 °C up to seating plane, 10 seconds Widebody 260 °C Reflow Temperature Profile T RP SO-8 and Option 300 *Data has been registered with JEDEC for the 6N135/6N136. See Package Outline Drawings section |
Similar Part No. - HCPL-0500-000E |
|
Similar Description - HCPL-0500-000E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |