Electronic Components Datasheet Search |
|
BR24T01-W Datasheet(PDF) 5 Page - Rohm |
|
BR24T01-W Datasheet(HTML) 5 Page - Rohm |
5 / 22 page Technical Note 5/21 BR24T□□□□Series www.rohm.com 2011.03 - Rev.A © 2011 ROHM Co., Ltd. All rights reserved. ●Characteristic data (The following values are Typ. ones.) 0 0.5 1 1.5 2 2.5 3 3.5 01 23 4 56 SUPPLY VOLTAGE : Vcc(V) 0 0.5 1 1.5 2 2.5 0 1 234 56 SUPPLY VOLTAGE : Vcc(V) -0.1 0.1 0.3 0.5 0.7 0.9 1.1 012 3456 SUPPLY VOLTAGE : Vcc(V) 0.1 1 10 100 1000 10000 01 234 56 SUPPLY VOLTAGE : Vcc(V) -200 -150 -100 -50 0 50 01 234 56 SUPPLY VOLTAGE : Vcc(V) 0 0.2 0.4 0.6 0.8 1 01 23 45 6 SUPPLY VOLTAGE : Vcc(V) 0 0.5 1 1.5 2 2.5 01 23 45 6 SUPPLY VOLTAGE : Vcc(V) Fig.9 Current consumption at WRITE operation ICC1 (fscl=400kHz BR24T01/02/04/08/16/32/64-W) Fig.10 Current consumption at WRITE operation Icc1 (fscl=400kHz BR24T128/256-W) Fig.14 Stanby operation ISB (fscl=400kHz BR24T01/02/04/08/16/32/64/128/256-W) Fig.17 Data clock High Period tHIGH 0 0.3 0.6 0.9 1.2 1.5 012 3 456 SUPPLY VOLTAGE : Vcc(V) Fig.18 Data clock Low Period tLOW 0 0.2 0.4 0.6 0.8 1 01 23 45 6 SUPPLY VOLTAGE : Vcc(V) Fig.19 Start Condition Hold Time tHD : STA Fig.20 Start Condition Setup Time tSU : STA Fig.21 Input Data Hold Time tHD : DAT(HIGH) Fig.22 Input Data Hold Time tHD : DAT(LOW) Fig.23 Input Data Setup Time tSU: DAT(HIGH) -200 -150 -100 -50 0 50 012 3456 SUPPLY VOLTAGE : Vcc(V) -200 -100 0 100 200 300 01 234 56 SUPPLY VOLTAGE : Vcc(V) Fig.16 SCL frequency fSCL Fig.12 Current consumption at READ operation ICC2 (fscl=400kHz BR24T01/02/04/08/16/32/64/128/256-W) 0 1 2 3 4 5 6 0123456 SUPPLY VOLTAGE : Vcc(V) Fig.11 Current consumption at WRITE operation Icc1 (fscl=400kHz BR24T512/1M-W) 0 0.1 0.2 0.3 0.4 0.5 0.6 012 34 56 SUPPLY VOLTAGE : Vcc(V) Fig.13 Current consumption at READ operation ICC2 (fscl=400kHz BR24T512/1M-W) Fig.15 Stanby operation ISB (fscl=400kHz BR24T512/1M-W) 0 0.1 0.2 0.3 0.4 0.5 0.6 01 23 45 6 SUPPLY VOLTAGE : Vcc(V) 0 0.5 1 1.5 2 2.5 01 23 4 56 SUPPLY VOLTAGE : Vcc(V) Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ Ta=-40℃ Ta=25℃ Ta=85℃ SPEC SPEC SPEC SPEC SPEC SPEC SPEC SPEC SPEC SPEC SPEC SPEC The plan for inserting data. (BR24T512/1M-W) The plan for inserting data. (BR24T512/1M-W) The plan for inserting data. (BR24T512/1M-W) |
Similar Part No. - BR24T01-W |
|
Similar Description - BR24T01-W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |