Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-M452 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M452
Description  HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M452 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M452 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M452 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HCPL-M452/HCPL-M453
Small Outline, 5 Lead, High Speed Optocouplers
Data Sheet
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component's
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in
handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
Features
x Surface mountable
x Very small, low profile JEDEC registered package outline
x Compatible with infrared vapor phase reflow and wave
soldering processes
x Very high common mode transient immunity:
15000 V/
Ps at VCM = 1500 V guaranteed (HCPL-M453)
x High speed: 1 Mb/s
x TTL compatible
x Open collector output
x Worldwide Safety Approval:
– UL1577 recognized, 3750Vrms/1min
– CSA Approved
x Lead free option
Applications
x Line receivers: High common mode transient immunity
(>1000V/μs) and low input-output capacitance (0.6 pF).
x High speed logic ground isolation: TTL/TTL, TTL/LTTL,
TTL/CMOS, TTL/LSTTL
x Replace slow phototransistor optocouplers
x Replace pulse transformers: save board space and
weight
x Analog signal ground isolation: Integrated photon
detector provides improved linearity over photo-
transistor type
Description
These small outline high CMR, high speed, diode-transis-
tor optocouplers are single channel devices in a five lead
miniature footprint. They are electrically equivalent to the
following Avago optocouplers:
The SO-5 JEDEC registered (MO-155) package outline
does not require “through holes” in a PCB. This package
occupies approximately one-fourth the footprint area of
the standard dual-in-line package. The lead profile is de-
signed to be com-patible with standard surface mount
processes.
These diode-transistor optocouplers use an insulating lay-
er between the light emitting diode and an integrated
photon detector to provide electrical insulation between
input and output. Separate connections for the photo-
diode bias and output transistor collector increase the
speed up to a hundred times over that of a conventional
photo-transistor coupler by reducing the base-collector
capacitance.
The HCPL-M452 is designed for high speed TTL/TTL
applications. A standard 16 mA TTL sink current through
the input LED will provide enough output current for 1
TTL load and a 5.6 ký pull-up resistor. CTR of the HCPL-
M452 is 19% minimum at IF = 16 mA.
The HCPL-M453 is an HCPL-M452 with increased common
mode transient immunity of 15,000 V/
Ps minimum at
VCM = 1500 V guaranteed.
Ordering Options
SO-5 Package
Standard DIP
SO-8 Package
HCPL-M452
HCPL-4502
HCPL-0452
HCPL-M453
HCPL-4503
HCPL-0453
Note: These devices equivalent to 6N135/6N136 devices but without
the base lead.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-M452

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M452-000E AVAGO-HCPL-M452-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
More results

Similar Description - HCPL-M452

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com