Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25S-E Datasheet(PDF) 9 Page - Rohm

Part # BR25S-E
Description  High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S-E Datasheet(HTML) 9 Page - Rohm

Back Button BR25S-E Datasheet HTML 5Page - Rohm BR25S-E Datasheet HTML 6Page - Rohm BR25S-E Datasheet HTML 7Page - Rohm BR25S-E Datasheet HTML 8Page - Rohm BR25S-E Datasheet HTML 9Page - Rohm BR25S-E Datasheet HTML 10Page - Rohm BR25S-E Datasheet HTML 11Page - Rohm BR25S-E Datasheet HTML 12Page - Rohm BR25S-E Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical Note
9/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
3. Write command (WRITE)
By write command, data of EEPROM can be written. As for this command, set CSB LOW, then input address and data
after write ope code. Then, by making CSB HIGH, the EEPROM starts writing. The write time of EEPROM requires time
of tE/W (Max 5ms). During tE/W, other than read status register command is not accepted. Set CSB HIGH between
taking the last data (D0) and rising the next SCK clock. At the other timing, write command is not executed, and this write
command is cancelled. This IC has page write function, and after input of data for 1 byte (8 bits), by continuing data input
without setting CSB HIGH, 2byte or more data can be written for one tE/W. The maximum number of write bytes is
specified per device of each capacity. Up to 64 arbitrary bytes can be written (in the case of BR25S128/256-W). In page
write, the insignificant 5 bit of the designated address is incremented internally at every time when data of 1 byte is input
and data is written to respective addresses. When data of the maximum bytes or higher is input, address rolls over, and
previously input data is overwritten.
4. Write status register, Read status register command (WRSR/RDSR)
Write status register command can write data of status register. The data can be written by this command are 3 bits, that
is, WPEN(bit7), BP1 (bit3) and BP0 (bit2) among 8 bits of status register. By BP1 and BP0, write disable block of
EEPROM can be set. As for this command, set CSB LOW, and input ope code of write status register, and input data.
Then, by making CSB HIGH, EEPROM starts writing. Write time requires time of tE/W as same as write. As for CSB rise,
set CSB HIGH between taking the last data bit (bit0) and the next SCK clock rising. At the other timing, command is
cancelled. Write disable block is determined by BP1 BP0, and the block can be selected from 1/4 , 1/2, and entire of
memory array (Refer to the write disable block setting table.). To the write disabled block, write cannot be made, and only
read can be made.
Product
number
Address
length
BR25S320-W
A11-A0
BR25S640-W
A12-A0
BR25S128-W
A13-A0
BR25S256-W
A14-A0
High-Z
*=Don't Care
31
D0
0
0
0
0
0
D2
D1
D7
23
30
24
D6
0
A0
A1
*
1
1
2
4
0
CSB
SCK
SI
SO
0
3
7
8
5
6
A12
~ ~
~ ~
~ ~
~ ~
~ ~
11
~ ~
~ ~
~ ~
~ ~
9
10
A13
A14
Fig.36
Write command
CSB
SCK
High-Z
*=Don't care
0
0
0
0
1
WPEN
0
1
2
4
0
SI
SO
0
3
7
8
5
6
*
9
10
11
12
13
14
15
*
*
BP1
BP0
*
*
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
Fig.37
Write status register
Fig.38
Read status register command
High-Z
bit7
bit6
bit5
bit4
0
0
0
bit3
bit2
bit1
bit0
13
CSB
SCK
SI
1
1
10
6
0
SO
14
1
2
WEN
R/B
11
15
3
7
9
0
5
12
0
0
0
0
0
4
8
WPEN
BP1 BP0


Similar Part No. - BR25S-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S128-W ROHM-BR25S128-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S128-W ROHM-BR25S128-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S128-W ROHM-BR25S128-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
678Kb / 35P
   SPI BUS EEPROM
More results

Similar Description - BR25S-E

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L-E ROHM-BR25L-E Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
Good Will Instrument Co...
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
   20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com