Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25S320F-W Datasheet(PDF) 10 Page - Rohm

Part # BR25S320F-W
Description  High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S320F-W Datasheet(HTML) 10 Page - Rohm

Back Button BR25S320F-W Datasheet HTML 6Page - Rohm BR25S320F-W Datasheet HTML 7Page - Rohm BR25S320F-W Datasheet HTML 8Page - Rohm BR25S320F-W Datasheet HTML 9Page - Rohm BR25S320F-W Datasheet HTML 10Page - Rohm BR25S320F-W Datasheet HTML 11Page - Rohm BR25S320F-W Datasheet HTML 12Page - Rohm BR25S320F-W Datasheet HTML 13Page - Rohm BR25S320F-W Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Note
10/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●WPB cancel valid area
WPB is normally fixed to “H” or “L” for use, but when WPB is controlled so as to cancel write status register command, pay
attention to the following WPB valid timing.
While write status register command is executed, by setting WPB = “L” in cancel valid area, command can be cancelled.
The area from command ope code to CSB rise at internal automatic write start becomes the cancel valid area. However,
once write is started, by any input write cycle cannot be cancelled. WPB input becomes Don’t Care, and cancellation
becomes invalid.
●HOLDB pin
By HOLDB pin, command communication can be stopped temporarily (HOLD status). The command communications are
carried out when the HOLDB pin is HIGH. To get in HOLD status, at command communication, when SCK=LOW, set the
HOLDB pin LOW. At HOLD status, SCK and SI become Don’t Care, and SO becomes high impedance (High-Z). To release
the HOLD status, set the HOLDB pin HIGH when SCK=LOW. After that, communication can be restarted from the point
before the HOLD status. For example, when HOLD status is made after A5 address input at read, after release of HOLD
status, by starting A4 address input, read can be restarted. When in HOLD status, keep CSB LOW. When it is set
CSB=HIGH in HOLD status, the IC is reset, therefore communication after that cannot be restarted.
Fig.39
WPB valid timing (At inputting WRSR command)
6
7
Ope Code
Data
tE/W
Data write time
SCK
15
16
Valid
(WRSR command is reset by WPB=L)
Invalid


Similar Part No. - BR25S320F-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S320F-WE2 ROHM-BR25S320F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results

Similar Description - BR25S320F-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L-E ROHM-BR25L-E Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
Good Will Instrument Co...
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
   20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com