Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25S320FJ-W Datasheet(PDF) 8 Page - Rohm

Part # BR25S320FJ-W
Description  High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S320FJ-W Datasheet(HTML) 8 Page - Rohm

Back Button BR25S320FJ-W Datasheet HTML 4Page - Rohm BR25S320FJ-W Datasheet HTML 5Page - Rohm BR25S320FJ-W Datasheet HTML 6Page - Rohm BR25S320FJ-W Datasheet HTML 7Page - Rohm BR25S320FJ-W Datasheet HTML 8Page - Rohm BR25S320FJ-W Datasheet HTML 9Page - Rohm BR25S320FJ-W Datasheet HTML 10Page - Rohm BR25S320FJ-W Datasheet HTML 11Page - Rohm BR25S320FJ-W Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Technical Note
8/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Command mode
Command
Contents
Ope code
WREN
Write enable command
0000
0110
WRDI
Write disable command
0000
0100
READ
Read command
0000
0011
WRITE
Write command
0000
0010
RDSR
Read status register command
0000
0101
WRSR
Write status register command
0000
0001
●Timing chart
1. Write enable (WREN) / disable (WRDI) command
This IC has write enable status and write disable status. It is set to write enable status by write enable command, and it is
set to write disable status by write disable command. As for these commands, set CSB LOW, and then input the
respective ope codes. The respective commands are accepted at the 7-th clock rise. Even with input over 7 clocks,
command becomes valid.
When to carry out write command, it is necessary to set write enable status by the write enable command. If write
command is input in the write disable status, the command is cancelled. And even in the write enable status, once write
command is executed, it gets in the write disable status. After power on, this IC is in write disable status.
2. Read command (READ)
Product
number
Address
length
BR25S320-W
A11-A0
BR25S640-W
A12-A0
BR25S128-W
A13-A0
BR25S256-W
A14-A0
By read command, data of EEPROM can be read. As for this command, set CSB LOW, then input address after read ope
code. EEPROM starts data output of the designated address. Data output is started from SCK fall of 23-th clock, and
from D7 to D0 sequentially. This IC has increment read function. After output of data for 1 byte (8bits), by continuing input
of SCK, data of the next address can be read. Increment read can read all the addresses of EEPROM. After reading data
of the most significant address, by continuing increment read, data of the most insignificant address is read.
WREN (WRITE ENABLE): Write enable
Fig.33
Write enable command
High-Z
6
03
7
12
45
CSB
SCK
SO
SI
0
00
001
10
Fig.34
Write disable command
WRDI (WRITE DISABLE): Write disable
High-Z
0
000
SI
0100
03
12
4
7
CSB
SCK
5
6
SO
High-Z
11
1
1
0
0
3
7
1
2
D6
SO
CSB
SCK
SI
4
5
A12
6
8
*
A0
A1
D7
23
30
24
D0
0
0
0
0
0
D2
D1
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
9
10
A13
A14
30
31
Fig.35
Read command


Similar Part No. - BR25S320FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S320FJ-WE2 ROHM-BR25S320FJ-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results

Similar Description - BR25S320FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L-E ROHM-BR25L-E Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
Good Will Instrument Co...
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
   20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com