Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7291G Datasheet(PDF) 3 Page - Rohm

Part # BU7291G
Description  Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7291G Datasheet(HTML) 3 Page - Rohm

  BU7291G Datasheet HTML 1Page - Rohm BU7291G Datasheet HTML 2Page - Rohm BU7291G Datasheet HTML 3Page - Rohm BU7291G Datasheet HTML 4Page - Rohm BU7291G Datasheet HTML 5Page - Rohm BU7291G Datasheet HTML 6Page - Rohm BU7291G Datasheet HTML 7Page - Rohm BU7291G Datasheet HTML 8Page - Rohm BU7291G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Technical Note
3/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
○BU7255(Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7255HFV, BU7255SHFV
Min.
Typ.
Max.
Input Offset Voltage
(*5)
Vio
25℃
1
9
mV
Input Offset Current
(*5)
Iio
25℃
1
pA
Input Bias Current
(*5)
Ib
25℃
1
pA
Supply Current
(*6)
IDD
25℃
540
900
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=1.5[V]
Full range
1200
High Level Output Voltage
VOH
25℃
VDD-0.1
V
RL=10[k
Ω]
Low Level Output Voltage
VOL
25℃
VSS+0.1
V
RL=10[k
Ω]
Large Signal Voltage Gain
AV
25℃
60
105
dB
RL=10[k
Ω]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
3
V
VSS ~ VDD
Common-mode Rejection Ratio
CMRR
25℃
40
60
dB
Power Supply Rejection Ratio
PSRR
25℃
45
80
dB
Output Source Current
(*7)
IOH
25℃
2
4
mA
VDD - 0.4[V]
Output Sink Current
(*7)
IOL
25℃
4
8
mA
VSS + 0.4[V]
Slew Rate
SR
25℃
3.4
V/
μs
CL=25[pF]
Gain Band width
FT
25℃
4
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
40
°
CL=25[pF], AV=40[dB]
(*5)
Absolute value
(*6)
Full range BU7255: Ta=-40[℃]~+85[℃]
BU7255S: Ta=-40[℃]~+105[℃]
(*7)
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7291G

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
BU7291G-TR ROHM-BU7291G-TR Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
More results

Similar Description - BU7291G

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
Anaren Microwave
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
   HIGH-SPEED OUTPUT CLAMPING OP AMP
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
   High-Speed Output Clamping Op Amp
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1 Datasheet
760Kb / 20P
   High Speed, Low Cost, Op Amp
REV. 0
logo
National Semiconductor ...
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_15 Datasheet
888Kb / 21P
   High Speed, Low Cost, Op Amp
REV. 0
logo
Monolithic Power System...
MP5121 MPS-MP5121 Datasheet
480Kb / 12P
   High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com