Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L080FJ-W Datasheet(PDF) 9 Page - Rohm

Part # BR25L080FJ-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L080FJ-W Datasheet(HTML) 9 Page - Rohm

Back Button BR25L080FJ-W Datasheet HTML 5Page - Rohm BR25L080FJ-W Datasheet HTML 6Page - Rohm BR25L080FJ-W Datasheet HTML 7Page - Rohm BR25L080FJ-W Datasheet HTML 8Page - Rohm BR25L080FJ-W Datasheet HTML 9Page - Rohm BR25L080FJ-W Datasheet HTML 10Page - Rohm BR25L080FJ-W Datasheet HTML 11Page - Rohm BR25L080FJ-W Datasheet HTML 12Page - Rohm BR25L080FJ-W Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
Write status register command can write status register data. The data the can be written by this command are 2 bits *1,
that is, BP1 (bit3) and BP0 (bit2) among 8 bits of status register. By BP1 and BP0, write disable block of EEPROM can be
set. As for this command, set CS LOW, and input ope code of write status register, and input data. Then, by making CS
HIGH, EEPROM starts writing. Write time requires time of tE/W as same as write. As for CS rise, start CS after taking the
last data bit (bit0), and before the next SCK clock starts. At other timing, command is cancelled. Write disable block is
determined by BP1 and BP0, and the block can be selected from 1/4 of memory array, 1/2, and entire memory array.
(Refer to the write disable block setting table.) To the write disabled block, write cannot be made, and only read can be
made.
Fig.41 Status register write command (BR25L010/020/040-W)
0
00
00
0
*
0
1
BP1 BP0
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
12
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
SI
SO
High-Z
**
*
*
*
*
* =Don't care
Fig.42 Status register write command (BR25L080/160/320/640-W)
0
00
0
0
0
0
0
1
BP1 BP0
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
12
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
SI
SO
High-Z
**
*
*
*
WPEN
* =Don't care
Fig.43 Status register read command (BR25L010/020/040-W)
0
00
00
0
11
12
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
SI
SO
High-Z
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
BP1
1
11
1
BP0 WEN
R/B
*
* =Don't care
Fig.44 Status register read command (BR25L080/160/320/640-W)
00
00
0
0
1
1
High-Z
bit0
bit1
bit2
bit3
bit4
bit5
bit6
bit7
BP1 BP0
WEN
WPEN
00
0
R/B
SI
SO
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
CS
SCK
4. Status register write / read command
* 3 bits including BR25L080, 160, 320, 640-W WPEN (bit7)
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L080FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L080FJ-W ROHM-BR25L080FJ-W Datasheet
328Kb / 6P
   SPI BUS 8Kbit (1,024 x 8bit) EEPROM
BR25L080FJ-WE2 ROHM-BR25L080FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25L080FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com