Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7495HFV Datasheet(PDF) 7 Page - Rohm

Part # BU7495HFV
Description  Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7495HFV Datasheet(HTML) 7 Page - Rohm

Back Button BU7495HFV Datasheet HTML 3Page - Rohm BU7495HFV Datasheet HTML 4Page - Rohm BU7495HFV Datasheet HTML 5Page - Rohm BU7495HFV Datasheet HTML 6Page - Rohm BU7495HFV Datasheet HTML 7Page - Rohm BU7495HFV Datasheet HTML 8Page - Rohm BU7495HFV Datasheet HTML 9Page - Rohm BU7495HFV Datasheet HTML 10Page - Rohm BU7495HFV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Technical Note
7/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
○BU5281 family(Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU5281G, BU5281SG
Min.
Typ.
Max.
Input Offset Voltage
(*17)
Vio
25℃
0.1
2.5
mV
Input Offset Voltage drift
(*17)
ΔVio/ΔT
-
0.8
μV/℃
Input Offset Current
(*17)
Iio
25℃
1
pA
Input Bias Current
(*17)
Ib
25℃
1
pA
Supply Current
(*18)
IDD
25℃
750
1000
μA
RL=∞ All Op-Amps
AV=0[dB],VIN=0.9[V]
Full range
1200
High Level Output Voltage
VOH
25℃
VDD-0.1
V
RL=10[k
Ω]
Low Level Output Voltage
VOL
25℃
VSS+0.1
V
RL=10[k
Ω]
Large Signal Voltage Gain
AV
25℃
70
110
dB
RL=10[k
Ω]
Input Common-mode
Voltage Range
Vicm
25℃
0
1.8
V
VSS ~ VDD - 1.2[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
dB
Power Supply Rejection Ratio
PSRR
25℃
60
80
dB
Output Source Current
(*19)
IOH
25℃
5
8
mA
VDD-0.4[V]
Output Sink Current
(*19)
IOL
25℃
10
16
mA
VSS+0.4[V]
Slew Rate
SR
25℃
2.0
V/
μs
CL=25[pF]
Gain Band width
FT
25℃
3
MHz
CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
40
°
CL=25[pF], AV=40[dB]
Input Referred Noise Voltage
Vin
25℃
18
nV/(Hz)
1/2 AV=40[dB], f=1[kHz]
3.2
μVrms AV=40[dB], DINAUDIO
Total Harmonic Distortion
THD
25℃
0.003
%
VOUT=0.4[Vp-p], f=1[kHz]
(*17) Absolute value
(*18) Full range BU5281: Ta=-40[℃]~+85[℃]
BU5281S: Ta=-40[℃]~+105[℃]
(*19) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7495HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495HFV ROHM-BU7495HFV Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV ROHM-BU7495HFV Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
More results

Similar Description - BU7495HFV

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
Anaren Microwave
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
   HIGH-SPEED OUTPUT CLAMPING OP AMP
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
   High-Speed Output Clamping Op Amp
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1 Datasheet
760Kb / 20P
   High Speed, Low Cost, Op Amp
REV. 0
logo
National Semiconductor ...
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
   High-Speed, Low-Power, Voltage Feedback Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_15 Datasheet
888Kb / 21P
   High Speed, Low Cost, Op Amp
REV. 0
logo
Monolithic Power System...
MP5121 MPS-MP5121 Datasheet
480Kb / 12P
   High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com