Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L010FV-W Datasheet(PDF) 3 Page - Rohm

Part # BR25L010FV-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L010FV-W Datasheet(HTML) 3 Page - Rohm

  BR25L010FV-W Datasheet HTML 1Page - Rohm BR25L010FV-W Datasheet HTML 2Page - Rohm BR25L010FV-W Datasheet HTML 3Page - Rohm BR25L010FV-W Datasheet HTML 4Page - Rohm BR25L010FV-W Datasheet HTML 5Page - Rohm BR25L010FV-W Datasheet HTML 6Page - Rohm BR25L010FV-W Datasheet HTML 7Page - Rohm BR25L010FV-W Datasheet HTML 8Page - Rohm BR25L010FV-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
Fig. 2 Pin assignment diagram
Fig. 4 Input / output timing
SO is output in sync with data fall edge of SCK. Data is output
from the most significant bit MSB.
tCS
tCSH tSCKH
tPD
tOH
tRO,tFO tOZ
High-Z
CS
SCK
SI
SO
Fig. 5 HOLD timing
"H"
"L"
tHFS tHFH
tHRS tHRH
tDIS
tHPD
High-Z
tHOZ
Dn+1
Dn-1
n-1
Dn
Dn
n+1
n
CS
SCK
SI
SO
HOLD
SCK frequency
SCK high time
Parameter
Symbol
Min.
1.8
≤VCC<2.5V
Typ.
2
Max.
200
––
SCK low time
200
––
CS high time
200
––
CS setup time
CS hold time
fSCK
tSCKWH
tSCKWL
tCS
tCSS
tCSH
Min.
2.5
≤VCC<5.5V
Typ.
5
Max.
MHz
85
––
ns
85
––
ns
85
––
ns
ns
ns
Unit
200
––
200
––
90
––
SCK setup time
SCK hold time
200
––
200
––
SI setup time
40
––
SI hold time
50
––
Data output delay time 1
tSCKS
tSCKH
tDIS
tDIH
tPD1
90
––
ns
90
––
ns
20
––
ns
40
––
ns
ns
––
150
––
70
Data output delay time 2
(CL2=30pF)
Output hold time
––
145
0
––
Output disable time
––
250
HOLD setting
setup time
120
––
HOLD setting
hold time
tPD2
tOH
tOZ
tHFS
tHFH
––
55
ns
0
––
ns
––
100
ns
60
––
ns
ns
90
––
40
––
HOLD release
setup time
HOLD release
hold time
120
––
140
––
Time from HOLD
to output High-Z
––
250
Time from HOLD
to output change
––
150
SCK
rise time
tHRS
tHRH
tHOZ
tHPD
tRC
60
––
ns
70
––
ns
––
100
ns
––
70
ns
μs
––
1
––
1
SCK
fall time
OUTPUT
rise time
––
1
––
100
OUTPUT
fall time
––
100
Write time
––
5
tFC
tRO
tFO
tE/W
––
1
μs
––
50
ns
––
50
ns
––
5ms
85
––
AC measurement conditions
Load capacity 1
Load capacity 2
Parameter
Symbol
Min.
Limits
Typ.
100
Max.
pF
––
30
pF
Input rise time
––
50
ns
Input fall time
––
50
ns
Input voltage
0.2VCC/0.8VCC
V
Input / output judgment voltage
CL1
CL2
0.3VCC/0.7VCC
V
Unit
Pin assignment and description
Operating timing characteristics
(Ta = -40 ~ +85˚C, unless otherwise specified, load capacity CL1 100pF)
CS
SO
WP
GND
SI
SCK
HOLD
VCC
Serial data output
Power source to be connected
All input / output reference voltage, 0V
Chip select input
Serial clock input
SI
VCC
CS
Terminal name
GND
SO
SCK
Input/output
Function
Input
Input
Output
Hold input
Command communications may be suspended temporarily (HOLD status).
HOLD
Input
Write protect input
Write command is prohibited.
Write status register command is prohibited.
WP
Input
Input
Start bit, ope code, address, and serial data input
*1NOT 100% TESTED
BR25L010-W
BR25L020-W
BR25L040-W
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
*1
*1
*1
*1
Fig. 3 Input timing
tCS
tDIS
High-Z
tDIH
tRC
tFC
tCSS
tSCKS
tSCKWL tSCKWH
CS
SCK
SI
SO
SI is taken into IC inside in sync with data rise edge of SCK. Input
address and data from the most significant bit MSB.
Sync data input / output timing
*1
*1:BR25L010/020/040-W
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L010FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010FV-W ROHM-BR25L010FV-W Datasheet
336Kb / 6P
   SPI BUS 1Kbit (128 x 8bit) EEPROM
BR25L010FV-WE2 ROHM-BR25L010FV-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25L010FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com