Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VUO98-12NO7 Datasheet(PDF) 5 Page - IXYS Corporation

Part # VUO98-12NO7
Description  Standard Rectifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO98-12NO7 Datasheet(HTML) 5 Page - IXYS Corporation

  VUO98-12NO7 Datasheet HTML 1Page - IXYS Corporation VUO98-12NO7 Datasheet HTML 2Page - IXYS Corporation VUO98-12NO7 Datasheet HTML 3Page - IXYS Corporation VUO98-12NO7 Datasheet HTML 4Page - IXYS Corporation VUO98-12NO7 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VUO68-08NO7
1
10
100
1000
V
F [V]
I
F
[A]
0.4
0.8
1.2
1.6
2.0
0
20
40
60
80
10-3
10-2
10-1
100
100
150
200
250
300
1
10
100
1000
10000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
0
25
50
75
100 125 150
0
20
40
60
80
100
I
FSM
[A]
t[s]
t[ms]
I
2t
[A
2s]
P
tot
[W]
I
dAVM [A]
T
A [°C]
I
F(AV)M
[A]
T
C [°C]
Z
thJC
[K/W]
t[ms]
Fig. 1 Forward current versus
voltage drop per diode
Fig. 2 Surge overload current
Fig. 3 I
2tversustime per diode
Fig. 4 Power dissipation vs. direct output current & ambient temperature
Fig. 5 Max. forward current vs.
case temperature
Fig. 6 Transient thermal impedance junction to case
Constants for Z
thJC calculation:
iR
th (K/W)
t
i (s)
1
0.05070
0.004
20.163
0.0025
30.2805
0.0035
40.363
0.02
5
0.2228
0.15
0.8 x V
RRM
50 Hz
T
VJ =25°C
T
VJ = 45°C
T
VJ =45°C
V
R = 0 V
R
thJA:
0.6 KW
0.8 KW
1KW
2KW
4KW
8KW
DC =
1
0.5
0.4
0.33
0.17
0.08
DC =
1
0.5
0.4
0.33
0.17
0.08
T
VJ =
125°C
150°C
T
VJ =150°C
T
VJ =150°C
Rectifier
IXYS reserves the right to change limits, conditions and dimensions.
20130322a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - VUO98-12NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO98-14NO7 IXYS-VUO98-14NO7 Datasheet
144Kb / 5P
   3~ Rectifier Bridge
VUO98-16NO7 IXYS-VUO98-16NO7 Datasheet
144Kb / 5P
   Standard Rectifier Module
More results

Similar Description - VUO98-12NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO52-16NO1 IXYS-VUO52-16NO1 Datasheet
154Kb / 5P
   Standard Rectifier Module
VUO35-08NO7 IXYS-VUO35-08NO7 Datasheet
144Kb / 5P
   Standard Rectifier Module
VBO52-18NO7 IXYS-VBO52-18NO7 Datasheet
165Kb / 5P
   Standard Rectifier Module
VBO78-16NO7 IXYS-VBO78-16NO7 Datasheet
143Kb / 5P
   Standard Rectifier Module
VUO122-14NO7 IXYS-VUO122-14NO7 Datasheet
145Kb / 5P
   Standard Rectifier Module
MDD72-12N1B IXYS-MDD72-12N1B Datasheet
408Kb / 6P
   Standard Rectifier Module
MDD72-16N1B IXYS-MDD72-16N1B Datasheet
408Kb / 6P
   Standard Rectifier Module
MDD95-12N1B IXYS-MDD95-12N1B Datasheet
418Kb / 6P
   Standard Rectifier Module
MDD172-14N1 IXYS-MDD172-14N1 Datasheet
197Kb / 6P
   Standard Rectifier Module
MDD142-14N1 IXYS-MDD142-14N1 Datasheet
196Kb / 6P
   Standard Rectifier Module
MDNA65P2200TG IXYS-MDNA65P2200TG Datasheet
272Kb / 5P
   Standard Rectifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com