Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25S640FVM-W Datasheet(PDF) 11 Page - Rohm

Part # BR25S640FVM-W
Description  High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S640FVM-W Datasheet(HTML) 11 Page - Rohm

Back Button BR25S640FVM-W Datasheet HTML 7Page - Rohm BR25S640FVM-W Datasheet HTML 8Page - Rohm BR25S640FVM-W Datasheet HTML 9Page - Rohm BR25S640FVM-W Datasheet HTML 10Page - Rohm BR25S640FVM-W Datasheet HTML 11Page - Rohm BR25S640FVM-W Datasheet HTML 12Page - Rohm BR25S640FVM-W Datasheet HTML 13Page - Rohm BR25S640FVM-W Datasheet HTML 14Page - Rohm BR25S640FVM-W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Technical Note
11/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Method to cancel each command
○READ, RDSR
・Method to cancel : cancel by CSB = “H”.
○WRITE、PAGE WRITE
a:Ope code or address input area
Cancellation is available by CSB=”H”.
b:Data input area (D7~D1 input area)
Cancellation is available by CSB=”H”.
c:Data input area (D0 area)
In this area, cancellation is not available.
When CSB is set HIGH, write starts.
d:tE/W area
In the area c, by rising CSB, write starts.
While writing, by any input, cancellation cannot be made.
Note1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore write it once again.
Note2) If CSB is rised at the same timing as that of the SCK rise, write execution / cancel becomes unstable, therefore, it is
recommended to rise in SCK = “L” area. As for SCK rise, assure timing of tCSS / tCSH or more.
○WRSR
a:From ope code to 15-th clock rise
Cancellation is available by CSB=”H”.
b:From 15-th clock rise to 16-th clock rise (write enable area)
In this area, cancellation is not available.
When CSB is set HIGH, write starts.
c:After 16-th clock rise.
Cancellation is available by CSB=”H”.
However, if write starts (CSB is rised)
in the area b, cancellation cannot be made by any means.
And, by inputting on SCK clock, cancellation cannot be made.
Note1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore write it once
again
Note2) If CSB is rised at the same timing as that of the SCK rise, write execution / cancel becomes unstable, therefore, it
is recommended to rise in SCK = “L” area. As for SCK rise, assure timing of tCSS / tCSH or more.
○WREN/WRDI
a:From ope code to 7-th clock rise, cancellation is available by CSB = “H”.
b:Cancellation is not available 7-th clock.
Fig.40
READ cancel valid timing
Fig.41
RDSR cancel valid timing
Fig.44
WREN/WRDI cancel valid timing
Ope code
Address
a
Data
tE/W
b
d
c
8bits
8bits
16bits
D7
b
D6
D5
D4
D3
D2
D1
D0
SCK
SI
c
Fig.43 WRSR cancel valid timing
Ope code
Address
Cancel available in all areas of read mode
Data
8 bits
8 bits
16 bits
Ope code
Cancel available in all
areas of rdsr mode
Data
8 bits
8 bits
Ope code
Data
tE/W
8 bits
14
15
16
17
D1
D0
a
b
c
8 bits
a
b
c
SCK
SI
Ope code
8 bits
6
7
8
a
b
SCK
Fig.42
WRITE cancel valid timing


Similar Part No. - BR25S640FVM-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S640FVM-WE2 ROHM-BR25S640FVM-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results

Similar Description - BR25S640FVM-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L-E ROHM-BR25L-E Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
Good Will Instrument Co...
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
   20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com