Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L080FV-W Datasheet(PDF) 4 Page - Rohm

Part # BR25L080FV-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L080FV-W Datasheet(HTML) 4 Page - Rohm

  BR25L080FV-W Datasheet HTML 1Page - Rohm BR25L080FV-W Datasheet HTML 2Page - Rohm BR25L080FV-W Datasheet HTML 3Page - Rohm BR25L080FV-W Datasheet HTML 4Page - Rohm BR25L080FV-W Datasheet HTML 5Page - Rohm BR25L080FV-W Datasheet HTML 6Page - Rohm BR25L080FV-W Datasheet HTML 7Page - Rohm BR25L080FV-W Datasheet HTML 8Page - Rohm BR25L080FV-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
6
5
4
3
2
1
0 0
1
2
3
45
6
VCC[V]
Ta=85˚C
SPEC
Ta=25˚C
Ta=-40˚C
1
0.8
0.6
0.4
0.2
0
0
1
2
34
5
IOL[mA]
SPEC
Ta=-40˚C
Ta=25˚C
Ta=85˚C
1
0.8
0.6
0.4
0.2
0
0
1
2
34
5
IOL[mA]
Ta=85˚C
SPEC
Ta=-40˚C
Ta=25˚C
1.2
1
0.8
0.8
0.4
0.2
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=-40˚C
4
3
2
1
0
0
1
2
3
4
56
VCC[V]
SPEC
SPEC
VCC=2.5V 2mA
VCC=5.5V 3mA
Vcc=2.5V 1.5mA
Vcc=5.5V 2.0mA
2.5
2
1.5
1
0.5
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
250
200
150
100
50
0
0
1
2
3
45
6
VCC[V]
SPEC
Ta=85˚C
Ta=25˚C
250
200
150
100
50
0
0
1
2
34
5
6
VCC[V]
SPEC
SPEC
Ta=25˚C
6
5
4
3
2
1
0
0
1
2
3
4
56
VCC[V]
SPEC
Ta=-40˚C
Ta=25˚C
Ta=85˚C
2
1.8
1.6
1.4
1.2
0
0.4
0.8
IOH[mA]
Ta=85˚C
SPEC
2.6
2.4
2.2
2
1.8
0
0.4
0.8
IOH[mA]
Ta=-40˚C
SPEC
1.2
1
0.8
0.6
0.4
0.2
0
0
1
2
3
4
5
6
VCC[V]
Ta=-40˚C
Ta=25˚C
Ta=85˚C
SPEC
VCC[V]
2.5
2
1.5
1
0.5
0
0
1
2
3
4
5
6
Ta=85˚C
SPEC
SPEC
fSCK=5MHz
DATA=55h
fSCK=5MHz
DATA=55h
Ta=25˚C
VCC[V]
100
10
1
0.1
0
1
2
3
4
5
6
SPEC
SPEC
Ta= -40˚C
Ta=25˚C
VCC[V]
250
200
150
100
50
0
0
1
2
34
56
Ta=85˚C
SPEC
SPEC
Ta= -40˚C
Ta=25˚C
Characteristic data (The following characteristic data are Typ. values.)
Ta=25˚C
Ta=-40˚C
Ta=25˚C
Ta=85˚C
Ta=25˚C
Ta=85˚C
Ta=25˚C
Ta=85˚C
Ta=-40˚C
Ta=-40˚C
Ta=25˚C
Ta= -40˚C
Ta=85˚C
SPEC
Ta= -40˚C
Ta= -40˚C
Ta=85˚C
Fig.6 "H" input voltage VIH(CS,SCK,SI,HOLD,WP)
Fig.7 "L" input voltage VIL(CS,SCK,SI,HOLD,WP)
Fig.8 "L" output voltage VOL-IOL(VCC=1.8V)
Fig.9 "H" output voltage VOH-IOH(VCC=1.8V)
Fig.10 "L" output voltage VOL-IOL(VCC=2.5V)
Fig.11 "H" output voltage VOH-IOH(VCC=2.5V)
Fig.12 Input leak current ILI(CS,SCK,SI,WP,HOLD)
Fig.13 Output leak current ILO(SO)
Fig.14 Current consumption at WRITE operation
ICC1,2,3(WRITE,PAGE WRITE,WRSR,fSCK=5MHz)
BR25L010-W,BR25L020-W,BR25L040-W
Fig.15 Consumption current at READ operation
ICC4,5(READ,WRSR,fSK=5MHz)
Fig.16 Consumption current at standby operation ISB
Fig.17 SCK frequency fSCK
Fig.18 tSCK high time tSCKWH
Fig.19 SCK low time tSCKWL
Fig.20 CS high time tCS
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L080FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L080FV-W ROHM-BR25L080FV-W Datasheet
328Kb / 6P
   SPI BUS 8Kbit (1,024 x 8bit) EEPROM
BR25L080FV-WE2 ROHM-BR25L080FV-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25L080FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com