Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L080FV-W Datasheet(PDF) 7 Page - Rohm

Part # BR25L080FV-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L080FV-W Datasheet(HTML) 7 Page - Rohm

Back Button BR25L080FV-W Datasheet HTML 3Page - Rohm BR25L080FV-W Datasheet HTML 4Page - Rohm BR25L080FV-W Datasheet HTML 5Page - Rohm BR25L080FV-W Datasheet HTML 6Page - Rohm BR25L080FV-W Datasheet HTML 7Page - Rohm BR25L080FV-W Datasheet HTML 8Page - Rohm BR25L080FV-W Datasheet HTML 9Page - Rohm BR25L080FV-W Datasheet HTML 10Page - Rohm BR25L080FV-W Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
1. Write enable (WREN) / disable (WRDI) cycle
Command mode
0000
0000
0000
0000
Ope code
Command
WREN
WRDI
READ
WRITE
Contents
Write enable command
Write disable command
Read command
Write command
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
BR25L010-W
BR25L020-W
BR25L040-W
Write enable
Write disable
Read
Write
RDSR
Status register read
command
Read status register
0000
* 110
* 100
* 011
* 010
* 001
0000
0000
0000
0000
0000
0000
0000
0000
0000
0000
0110
0100
0011
0010
0001
WRSR
Status register write
command
Write status register
0000
* 101
0000
0000
0101
Timing chart
CS
SO
High-Z
SI
0
00
0
* 1
1
10
SCK
1
02
3
4
5
6
7
Fig. 35 Write enable command
1.WREN (WRITE ENABLE) : Write enable
High-Z
CS
SO
SI
0
00
0
*
0
1
10
SCK
1
02
3
4
5
6
7
Fig. 36 Write disable
1.WRDI (WRITE DISABLE) : Write disable
*1 BR25L010/020/040-W=Don't care
BR25L080/160/320/640-W=“0” input
*1 BR25L010/020/040-W=Don't care
BR25L080/160/320/640-W=“0” input
* 110
* 100
A8011
A8010
* 001
* 101
This IC has write enable status and write disable status. It is set to write enable status by write enable command, and it is
set to write disable status by write disable command. As for these commands, set CS LOW, and then input the respective
ope codes. The respective commands accept command at the 7-th clock rise. Even with input over 7 clocks, command
becomes valid.
When to carry out write and write status register command, it is necessary to set write enable status by the write enable
command. If write or write status register command is input in the write disable status, commands are cancelled. And even
in the write enable status, once write and write status register command is executed once, it gets in the write disable
status. After power on, this IC is in write disable status.
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L080FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L080FV-W ROHM-BR25L080FV-W Datasheet
328Kb / 6P
   SPI BUS 8Kbit (1,024 x 8bit) EEPROM
BR25L080FV-WE2 ROHM-BR25L080FV-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25L080FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com