Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L320FV-W Datasheet(PDF) 5 Page - Rohm

Part # BR25L320FV-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L320FV-W Datasheet(HTML) 5 Page - Rohm

  BR25L320FV-W Datasheet HTML 1Page - Rohm BR25L320FV-W Datasheet HTML 2Page - Rohm BR25L320FV-W Datasheet HTML 3Page - Rohm BR25L320FV-W Datasheet HTML 4Page - Rohm BR25L320FV-W Datasheet HTML 5Page - Rohm BR25L320FV-W Datasheet HTML 6Page - Rohm BR25L320FV-W Datasheet HTML 7Page - Rohm BR25L320FV-W Datasheet HTML 8Page - Rohm BR25L320FV-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
250
200
150
100
50
0
-50
0
1
2
3
4
5
6
VCC[V]
Ta=85˚C
SPEC
SPEC
Ta=25˚C
Ta= -40˚C
60
40
20
0
-20
-40
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
Ta=25˚C
Ta= -40˚C
200
150
100
50
0
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta=25˚C
300
250
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta=25˚C
Ta= -40˚C
150
120
90
60
30
0
-30
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
160
120
80
40
0
-40
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
Ta=25˚C
120
90
60
30
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
Ta=25˚C
10
8
6
4
2
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta= -40˚C
Ta=85˚C
120
90
60
30
0
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
SPEC
Ta= -40˚C
300
250
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
140
120
100
80
60
40
20
0
-20
0
1
2
3
4
5
6
VCC[V]
SPEC
Ta=85˚C
SPEC
Ta=25˚C
Ta= -40˚C
0
1
2
3
4
5
6
VCC[V]
Ta=85˚C
Ta=25˚C
60
50
40
30
20
10
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
250
200
150
100
50
0
0
1
2
3
4
5
6
VCC[V]
SPEC
SPEC
Ta=85˚C
Ta= -40˚C
SPEC
Ta=25˚C
Ta= -40˚C
Ta= -40˚C
Ta=25˚C
Ta=25˚C
Ta=25˚C
Ta=25˚C
Fig.21 CS setup time tCSS
Fig.22 CS hold time tCSH
Fig.23 SI setup time tDIS
Fig.24 SI hold time tDIH
Fig.25 Data output delay time tPD1(CL=100pF)
Fig.26 Data output delay time tPD2(CL=30pF)
Fig.27 Output disable time tOZ
Fig.28 HOLD setting hold time tHFH
Fig.29 HOLD release hold time tHRH
Fig.30 Time from HOLD to output High-Z tHOZ
Fig.31 Time from HOLD to output change tHPD
Fig.32 Output rise time tRO
Fig.33 Output fall time
Fig.34 Write cycle time tE/W
SPEC
Ta=25˚C
SPEC
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L320FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L320FV-WE2 ROHM-BR25L320FV-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25L320FV-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com