Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR25L010FVM-W Datasheet(PDF) 8 Page - Rohm

Part # BR25L010FVM-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L010FVM-W Datasheet(HTML) 8 Page - Rohm

Back Button BR25L010FVM-W Datasheet HTML 4Page - Rohm BR25L010FVM-W Datasheet HTML 5Page - Rohm BR25L010FVM-W Datasheet HTML 6Page - Rohm BR25L010FVM-W Datasheet HTML 7Page - Rohm BR25L010FVM-W Datasheet HTML 8Page - Rohm BR25L010FVM-W Datasheet HTML 9Page - Rohm BR25L010FVM-W Datasheet HTML 10Page - Rohm BR25L010FVM-W Datasheet HTML 11Page - Rohm BR25L010FVM-W Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
By write command, data of EEPROM can be written. As for this command, set CS LOW, then input address and data
after write ope code. Then, by making CS HIGH, the EEPROM starts writing. The write time of EEPROM requires time of
tE/W (Max 5ms). During tE/W, other than status read command is not accepted. Start CS after taking the last data (D0),
and before the next SCL clock starts. At other timing, write command is not executed, and this write command is
cancelled. This IC has page write function, and after input of data for 1 byte (8 bits), by continuing data input without
starting CS, data up to 16/32*1 bytes can be written for one tE/W. In page write, the insignificant 4/5*2 bit of the
designated address is incremented internally at every time when data of 1 byte is input, and data is written to respective
addresses. When data of the maximum bytes or higher is input, address rolls over, and previously input data is
overwritten.
BR25L010/020/040-W=16 bytes at maximum
BR25L080/160/320/640-W=32 bytes at maximum
* 1
BR25L010/020/040-W=Insignificant 4 bits
BR25L080/160/320/640-W=Insignificant 5 bits
* 2
A6-A0
A7-A0
BR25L020-W
BR25L010-W
BR25L040-W
A8-A0
A9-A0
A10-A0
BR25L160-W
BR25L080-W
BR25L320-W
A11-A0
BR25L640-W
A12-A0
Product
number
Address
length
A6-A0
A7-A0
BR25L020-W
BR25L010-W
BR25L040-W
A8-A0
A9-A0
A10-A0
BR25L160-W
BR25L080-W
BR25L320-W
A11-A0
BR25L640-W
A12-A0
By read command, data of EEPROM can be read. As for this command, set CS LOW, then input address after read ope
code. EEPROM starts data output of the designated address. Data output is started from SCK fall of 15/23*1 clock, and
from D7 to D0 sequentially. This IC has increment read function. After output of data for 1 byte (8 bits), by continuing input
of SCK, data of the next address can be read. Increment read can read all the addresses of EEPROM. After reading data
of the most significant address, by continuing increment read, data of the most insignificant address is read.
BR25L010/020/040-W=15 clocks
BR25L080/160/320/640-W=23 clocks
* 1
Fig. 37 Read command (BR25L010/020/040-W)
Fig. 38 Read command (BR25L080/160/320/640-W)
0
00
0
0
0
0
11
A12
**
*
A1
A0
12
3
4
5
6
7
8
23
24
30
CS
SCK
SI
SO
D6
D7
D0
D1
D2
High-Z
Fig.39 Write command (BR25L010/020/040-W)
Fig.40 Write command (BR25L080/160/320/640-W)
0
00
00
0
00
1
A1
A12
A0
D7
D6
1
2
3
4
5
6
7
8
23
24
30
31
CS
SCK
SI
SO
D2
D1
D0
High-Z
* =Don't care
* =Don't care
* =Don't care
*
*
*
3. Write command (WRITE)
2. Read command (READ)
0
00
0
0
0
11
A4
A5
A6
A7
* 1
A1
A0
12
3
4
5
6
7
8
9
10
11
14
15
16
17
22
CS
SCK
SI
SO
D6
D7
D0
D1
D2
High-Z
BR25L010/020-W=Don't care
BR25L040-W=A8
* 1
0
00
00
0
0
1
A4
A5
A6
A7
A1
A0
D7
D6
1
2
3
4
5
6
7
8
15
16
22
23
CS
SCK
SI
SO
D2
D1
D0
High-Z
BR25L010/020-W=Don't care
BR25L040-W=A8
* 1
* 1
Product
number
Address
length
Product
number
Address
length
Product
number
Address
length
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L010FVM-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L010FVM-W ROHM-BR25L010FVM-W Datasheet
336Kb / 6P
   SPI BUS 1Kbit (128 x 8bit) EEPROM
BR25L010FVM-WE2 ROHM-BR25L010FVM-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25L010FVM-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com