Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4015L52 Datasheet(PDF) 1 Page - Littelfuse

Part # D4015L52
Description  Lead Form Dimensions
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D4015L52 Datasheet(HTML) 1 Page - Littelfuse

  D4015L52 Datasheet HTML 1Page - Littelfuse D4015L52 Datasheet HTML 2Page - Littelfuse D4015L52 Datasheet HTML 3Page - Littelfuse D4015L52 Datasheet HTML 4Page - Littelfuse D4015L52 Datasheet HTML 5Page - Littelfuse D4015L52 Datasheet HTML 6Page - Littelfuse D4015L52 Datasheet HTML 7Page - Littelfuse D4015L52 Datasheet HTML 8Page - Littelfuse D4015L52 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2004 Littelfuse, Inc.
M2 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Lead Form Dimensions
M2
The TO-202AB, TO-220AB, and TO-92 package configurations,
because of their unique design, can be mounted in a variety of
methods, depending upon heat sink requirements and circuit
packaging methods. Any of the derived types shown in this sec-
tion are available as standard parts direct from the factory. Cus-
tom package variations are available. Consult the factory for
more information.
To designate lead form options, simply indicate the type number
at the end of the Teccor standard part number.
Example: Q2004F312 (Signifies Type 12)
Note: When ordering a TO-202 F package, include a 1 for stan-
dard full tab package. When ordering anything other than full tab,
remove the 1 and add the Lead Form Type.
See “Description of Part Numbers” in the Product Selection
Guide of this catalog for a complete description of Teccor part
numbers.
Lead Bending Specifications
Leads may be bent easily and may be bent to any desired angle,
provided that the bend is made at a minimum 0.063" (0.1 for
TO-218) away from the package body with a minimum radius of
0.032". DO-15X device leads may be bent with a minimum radius
of 0.050", and DO-35 device leads may be bent with a minimum
radius of 0.028". Leads should be held firmly between the pack-
age body and the bend, so that strain on the leads is not trans-
mitted to the package body.
When bending leads in the plane of the leads (spreading), bend
only the narrow part.
Sharp angle bends should be done only once, as repetitive bend-
ing will fatigue and break the leads.
M2


Similar Part No. - D4015L52

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L56 LITTELFUSE-D4015L56 Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D4015L59 LITTELFUSE-D4015L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
D4015L59 LITTELFUSE-D4015L59 Datasheet
312Kb / 5P
   Dxx15L & Dxx20L & Dxx25L Series
January 10, 2022
More results

Similar Description - D4015L52

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D6015L52 LITTELFUSE-D6015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L53 LITTELFUSE-D6015L53 Datasheet
151Kb / 10P
   Lead Form Dimensions
L6004L356 LITTELFUSE-L6004L356 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
List of Unclassifed Man...
S6020L53 ETC2-S6020L53 Datasheet
151Kb / 10P
   Lead Form Dimensions
S4015L52 ETC2-S4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
Littelfuse
Q4004L352 LITTELFUSE-Q4004L352 Datasheet
151Kb / 10P
   Lead Form Dimensions
217.040P LITTELFUSE-217.040P Datasheet
304Kb / 2P
   Available in Cartridge and Axial Lead Form
logo
Rohm
TUMD2 ROHM-TUMD2 Datasheet
43Kb / 1P
   Each lead has same dimensions
logo
AVX Corporation
SD1206T020S1R0 AVX-SD1206T020S1R0 Datasheet
626Kb / 6P
   Schottky Barrier Rectifier Diode Lead-less Chip Form
logo
Comchip Technology
Z4GP206L-HF COMCHIP-Z4GP206L-HF Datasheet
410Kb / 4P
   Lead less chip form, no lead damage, Low power loss, High efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com