Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2710G Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2710G
Description  Single-Cell NiMH Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2710G Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2710G Datasheet HTML 4Page - Maxim Integrated Products DS2710G Datasheet HTML 5Page - Maxim Integrated Products DS2710G Datasheet HTML 6Page - Maxim Integrated Products DS2710G Datasheet HTML 7Page - Maxim Integrated Products DS2710G Datasheet HTML 8Page - Maxim Integrated Products DS2710G Datasheet HTML 9Page - Maxim Integrated Products DS2710G Datasheet HTML 10Page - Maxim Integrated Products DS2710G Datasheet HTML 11Page - Maxim Integrated Products DS2710G Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Timeout Selection
FAST-CHARGE state normally operates until -
ΔV termi-
nation. In the event that termination does not occur cor-
rectly, a safety timeout is required. This timeout is set
by an external resistor on the TMR pin to VSS and pro-
vides secondary protection against significant over-
charging. The value of the TMR resistor should be
chosen so that the timeout is greater than the FAST-
CHARGE time expected in the application, but not so
much greater that its protection is compromised. If the
timer expires during FAST-CHARGE, the timer count is
reset and charging proceeds to the TOP-OFF charge
state. The TMR resistor also sets the timed charge
duration of TOP-OFF state. The TOP-OFF timeout peri-
od is fixed at half the FAST-CHARGE timeout period.
When the timer expires in TOP-OFF, the DS2710 enters
the MAINTENANCE state.
Resistors can be selected to support FAST-CHARGE
timeout periods of 0.5hr to 5hr and TOP-OFF timeout
periods of 0.25hr to 2.5hr. The programmed FAST-
CHARGE time approximately follows the equation:
t(minutes) = 1.5 x RTMR(
Ω)/1000
Impedance-Test Threshold
Selection
The DS2710 tests the cell impedance every 31s while
in FAST-CHARGE state. Impedance is measured by
comparing the cell voltage during normal charging to
the cell voltage with no charge current (CS output held
high). The resulting voltage difference is compared
against the threshold set by an external resistor from
CTEST to VSS. The detection threshold can be set from
32mV to 400mV. The following formula approximates
the setting for the detection threshold:
VTEST = 8000/RCTEST (Value in Volts)
Since the charge rate is controlled by the external
sense resistor (RSENSE) between VN1 and VN0, the test
threshold can be expressed as impedance as follows:
Impedance Threshold =
( 8000/RCTEST )/( 0.113/RSENSE ) =
70796 x ( RSENSE/RCTEST )
For example, an application charging at 1.13A (RSENSE
= 0.100
Ω) would use a 47kΩ resistor on the CTEST pin
to set the impedance threshold to 0.150
Ω.
Application Circuit
Figure 5 shows a typical DS2710 application circuit for
charging a NiMH cell from a USB port or other 5V
charge source capable of supplying 0.5A. Q1, L1, C2,
and D2 form a switching buck-regulator circuit con-
trolled by the CS pin of the DS2710. Current is regulat-
ed through the current-sense resistor, R9, by switching
Q1 on and off as the sense resistor voltage ramps up
and down toward the preset sense voltage thresholds.
The 0.100
Ω sense resistor along with the DC ground-
referenced sense threshold level of VIREF - 1/2 VHYS-
COMP sets the average charge current in the example
to 1.13A. The sense resistor should have a proper
power rating for the chosen charge current.
The TMR resistor is set to 100k
Ω for a timeout of 2.5hr.
This is appropriate for cells with a capacity of approxi-
mately 2200mAh when charged with the 1.13A charge
current. The CTEST resistor is set to 47k
Ω for an imped-
ance-test threshold of approximately 0.150
Ω when
charging at 1.13A. Additionally, R6 protects the VP1 pin
from any stress applied to the exposed tabs of a loose
NiMH cell; R3 creates a weak pullup to offset the leak-
age through D2, which might otherwise cause a false
cell detection; and R1/C1 creates a bypass filter on the
VDD pin of the IC.
The value of L1 in Figure 5 represents a moderate
switching speed of ~ 200kHz for FAST-CHARGE state.
L1 can be adjusted to fit specific application goals as
long as the associated change in switching speed
does not exceed the circuit’s ability to maintain proper
regulation of the sense-resistor voltage. All capacitors
should be ceramic surface-mount types of good quality
where possible. The 10µF capacitor can be of any type
that meets the application requirements. All resistors
not previously mentioned are standard surface-mount
types.
Application PCB Layout
Proper layout rules must be followed to ensure a suc-
cessful application circuit. For all modes of operation,
currents in excess of 1A can flow through the charge
and discharge paths (USB charging is specification lim-
ited to 500mA). All these paths should be properly sized
to handle the worst-case current flow, whether from
charging or from powering the load with the battery.
Switch-mode operation presents challenges with fast
voltage and current transients. Proper switch-mode
buck power-supply layout should always be observed.
Single-Cell NiMH Charger
10
______________________________________________________________________________________


Similar Part No. - DS2710G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
More results

Similar Description - DS2710G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
Energizer
CHDC8 ENERGIZER-CHDC8 Datasheet
122Kb / 1P
   NiMH Battery Charger
CHFM ENERGIZER-CHFM Datasheet
151Kb / 1P
   NiMH Battery Charger
CHP4 ENERGIZER-CHP4 Datasheet
251Kb / 1P
   NiMH Battery Charger
CHPRO ENERGIZER-CHPRO Datasheet
492Kb / 1P
   NiMH Battery Charger
CH15MN2 ENERGIZER-CH15MN2 Datasheet
244Kb / 1P
   NiMH Battery Charger
logo
Maxim Integrated Produc...
DS2711K MAXIM-DS2711K Datasheet
67Kb / 5P
   NiMH Charger Kit Board
062805
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com