Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2710G Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2710G
Description  Single-Cell NiMH Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2710G Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2710G Datasheet HTML 1Page - Maxim Integrated Products DS2710G Datasheet HTML 2Page - Maxim Integrated Products DS2710G Datasheet HTML 3Page - Maxim Integrated Products DS2710G Datasheet HTML 4Page - Maxim Integrated Products DS2710G Datasheet HTML 5Page - Maxim Integrated Products DS2710G Datasheet HTML 6Page - Maxim Integrated Products DS2710G Datasheet HTML 7Page - Maxim Integrated Products DS2710G Datasheet HTML 8Page - Maxim Integrated Products DS2710G Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single-Cell NiMH Charger
_______________________________________________________________________________________
3
Note 1: Voltages relative to VSS.
Note 2: Specification does not include CS and STATUS pin currents.
Note 3: STATUS pin is active high.
Note 4: Specification is guaranteed by design.
Note 5: Specification applicable during charge cycle with TA = 0°C to +70°C.
Note 6: 50mV overdrive while connected to a pMOS transistor (such as ZXM62P02 from Zetex).
Note 7: VBAT-MAX1 and VBAT-MAX1 ranges never overlap.
Note 8: VTHM-MIN, VTHM-MAX, and VTHM-STOP are fixed ratios of VDD. Their ranges never overlap.
Note 9: Maximum allowable leakage on TMR to maintain SUSPEND state.
DC ELECTRICAL CHARACTERISTICS (continued)
(4.0V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Cold Temperature Detect
Threshold
VTHM-MIN
(Notes 1, 5, 8)
0.73
VDD
Hot Temperature No-Start
Threshold
VTHM-MAX
(Notes 1, 5, 8)
0.30
0.33
0.36
VDD
Hot Temperature Safety
Shutdown Threshold
VTHM-STOP (Notes 1, 5, 8)
0.29
VDD
SUSPEND Current Threshold
ISUSPEND
(Note 9)
0.1
0.5
μA
Presence-Test Current, VP1
VDD
4.0V
1.0
10
15
μA
Reverse-Leakage Current, VP1
VDD = 0V, VP1 = 1.5V
2
μA
Impedance-Voltage Test Range
VCTEST
32
400
mV
ELECTRICAL CHARACTERISTICS: TIMING
(4.0V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Time-Base Period
tBASE
0.96
Seconds
Internal Time-Base Accuracy
-10
+10
%
DF1
FAST-CHARGE
96.9
DF2
PRECHARGE/TOP-OFF
25.0
CS Output Duty Factor
DF3
MAINTENANCE
1.56
%
CELL TEST Interval
tCTST
31
Seconds
PRECHARGE Timeout
tPCHG
VCELL < VLOW
34
Minutes
FAST-CHARGE Termination
Hold-Off Period
tTHO
4
Minutes
FAST-CHARGE Flat Voltage
Timeout
tFLAT
VCELL not increasing
16
Minutes
Charge-Timer Period
tCTMR
RTMR = 40k
1.0
Hours
Charge-Timer Accuracy
RTMR = 40k
-6
+6
%
Charge-Timer Range
tCTMR-RANGE
0.5
5.0
Hours
Toggle Rate, Charging
fCHARGE
1
Hz
Toggle Rate, FAULT State
fFAULT
4
Hz


Similar Part No. - DS2710G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
More results

Similar Description - DS2710G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
Energizer
CHDC8 ENERGIZER-CHDC8 Datasheet
122Kb / 1P
   NiMH Battery Charger
CHFM ENERGIZER-CHFM Datasheet
151Kb / 1P
   NiMH Battery Charger
CHP4 ENERGIZER-CHP4 Datasheet
251Kb / 1P
   NiMH Battery Charger
CHPRO ENERGIZER-CHPRO Datasheet
492Kb / 1P
   NiMH Battery Charger
CH15MN2 ENERGIZER-CH15MN2 Datasheet
244Kb / 1P
   NiMH Battery Charger
logo
Maxim Integrated Produc...
DS2711K MAXIM-DS2711K Datasheet
67Kb / 5P
   NiMH Charger Kit Board
062805
DS2711 MAXIM-DS2711 Datasheet
340Kb / 15P
   Loose Cell NiMH Chargers
120808
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com