Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1708SESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1708SESA
Description  3.3 and 5.0-Volt MicroMonitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1708SESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1708SESA Datasheet HTML 1Page - Maxim Integrated Products DS1708SESA Datasheet HTML 2Page - Maxim Integrated Products DS1708SESA Datasheet HTML 3Page - Maxim Integrated Products DS1708SESA Datasheet HTML 4Page - Maxim Integrated Products DS1708SESA Datasheet HTML 5Page - Maxim Integrated Products DS1708SESA Datasheet HTML 6Page - Maxim Integrated Products DS1708SESA Datasheet HTML 7Page - Maxim Integrated Products DS1708SESA Datasheet HTML 8Page - Maxim Integrated Products DS1708SESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
041305
FEATURES
§ Holds microprocessor in check during power
transients
§ Automatically restarts microprocessor after
power failure
§ Monitors pushbutton for external override
§ Accurate 5%, 10% or 20% resets for 3.3V
systems and 5% or 10% resets for 5.0V
systems
§ Eliminates the need for discrete components
§ 20% tolerance compatible with 3.0V systems
§ Pin compatible with the MAXIM
MAX707/MAX708 in 8-pin DIP, 8-pin SOIC
packages
§ 8-pin DIP, 8-pin and m-SOP SOIC and 8-pin
m-SOP packages available
§ Industrial temperature range -40°C to +85°C
PIN ASSIGNMENT
See Mech. Drawings Section on website
DS1707 and DS1708_R/S/T
PIN DESCRIPTION
PBRST
- Pushbutton Reset Input
VCC
- Power Supply
GND
- Ground
IN
- Input
NMI
- Non-maskable Interrupt
NC
- No Connect
RST
- Active Low Reset Output
RST
- Active High Reset Output
DESCRIPTION
The DS1707/DS1708 3.3- or 5.0-Volt MicroMonitor monitors three vital conditions for a microprocessor:
power supply, voltage sense, and external override. A precision temperature-compensated reference and
comparator circuit monitor the status of VCC at the device and at an upstream point for maximum
protection. When the sense input detects an out-of-tolerance condition a non-maskable interrupt is
generated. As the voltage at the device degrades an internal power fail signal is generated which forces
the reset to an active state. When VCC returns to an in-tolerance condition, the reset signal is kept in the
active state for a minimum of 130 ms to allow the power supply and processor to stabilize.
DS1707/DS1708
3.3 and 5.0-Volt MicroMonitor
www.maxim-ic.com
8-Pin DIP (300-mil)
PBRST
VCC
GND
IN
RST
RST
NC
NMI
1
2
3
4
8
7
6
5
8-Pin
m-SOP (118-mil)
RST
RST
PBRST
VCC
NC
NMI
IN
GND
1
2
3
4
8
7
6
5
8-Pin SOIC (150-mil)
1
2
3
4
8
7
6
5
PBRST
VCC
GND
IN
RST
RST
NC
NMI


Similar Part No. - DS1708SESA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1708S DALLAS-DS1708S Datasheet
67Kb / 9P
   3.3 and 5.0 Volt MicroMonitor?
More results

Similar Description - DS1708SESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
logo
Dallas Semiconductor
DS1705 DALLAS-DS1705 Datasheet
76Kb / 10P
   3.3 and 5.0 Volt MicroMonitor
DS1707 DALLAS-DS1707 Datasheet
67Kb / 9P
   3.3 and 5.0 Volt MicroMonitor?
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
logo
Raltron Electronics Cor...
VC-VE7850A-LZ-100-FREQ-EL RALTRON-VC-VE7850A-LZ-100-FREQ-EL Datasheet
23Kb / 1P
   3.3 & 5.0 VOLT - DIP 14
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com