Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2760AE+025 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2760AE+025
Description  High-Precision Li Battery Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2760AE+025 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2760AE+025 Datasheet HTML 2Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 3Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 4Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 5Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 6Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 7Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 8Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 9Page - Maxim Integrated Products DS2760AE+025 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DS2760
6
POWER MODES
The DS2760 has two power modes: Active and Sleep. While in Active Mode, the DS2760 continually
measures current, voltage and temperature to provide data to the host system and to support current
accumulation and Li+ safety monitoring. In Sleep Mode, the DS2760 ceases these activities. The
DS2760 enters Sleep Mode when any of the following conditions occurs:
§ the PMOD bit in the Status Register has been set to 1 and the DQ line is low for longer than
2 seconds (pack disconnection)
§ the voltage on VIN drops below undervoltage threshold VUV for tUVD (cell depletion)
§ the pack is disabled through the issuance of a SWAP command (SWEN bit =1)
The DS2760 returns to Active Mode when any of the following occurs:
§ the PMOD bit has been set to 1 and the SWEN bit is set to 0 and the DQ line is pulled high
(pack connection)
§ the PS pin is pulled low (power switch)
§ the voltage on PLS becomes greater than the voltage on VIN (charger connection) with the SWEN bit
set to 0
§ the pack is enabled through the issuance of a SWAP command (SWEN bit =1)
The DS2760 defaults to Sleep Mode when power is first applied.
LI+ PROTECTION CIRCUITRY
During Active Mode, the DS2760 constantly monitors cell voltage and current to protect the battery from
overcharge (overvoltage), overdischarge (undervoltage) and excessive charge and discharge currents
(overcurrent, short circuit). Conditions and DS2760 responses are described in the sections below and
summarized in Table 2 and Figure 3.
LI+ PROTECTION CONDITIONS AND DS2760 RESPONSES Table 2
Activation
Condition
Name
Threshold
Delay
Response
Release
Threshold
Overvoltage
VIN > VOV
tOVD
CC high
VIN < VCE
Undervoltage
VIN < VUV
tUVD
CC , DC high,
Sleep Mode
VPLS > VDD
(1)
(charger connected)
Overcurrent, Charge
VIS > VOC
(2)
tOCD
CC , DC high
VPLS < VDD – VTP
(3)
Overcurrent, Discharge
VIS < -VOC
(2)
tOCD
DC high
VPLS > VDD – VTP
(4)
Short Circuit
VSNS > VSC
tSCD
DC high
VPLS > VDD – VTP
(4)
VIS = VIS1 – VIS2. Logic high = VPLS for CC and VDD for DC. All voltages are with respect to VSS. ISNS
references current delivered from pin SNS.
(1) If VDD <2.2V, release is delayed until the recovery charge current (IRC) passed from PLS to VDD
charges the battery and allows VDD to exceed 2.2V.
(2) for the internal sense resistor configuration, the overcurrent thresholds are expressed in terms of
current: ISNS > IOC for charge direction and ISNS < -IOC for discharge direction
(3) with test current ITST current flowing from PLS to VSS (pull-down on PLS)
(4) with test current ITST current flowing from VDD to PLS (pull-up on PLS)
Overvoltage. If the voltage of the cell exceeds overvoltage threshold VOV for a period longer than
overvoltage delay tOVD, the DS2760 shuts off the external charge FET and sets the OV flag in the
Protection Register. When the cell voltage falls below charge enable threshold VCE, the DS2760 turns the


Similar Part No. - DS2760AE+025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE+025 MAXIM-DS2760AE+025 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2760AE+025/T&R MAXIM-DS2760AE+025/T&R Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2760AE+025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
   Battery Condition Monitor for Li-Ion batteries
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com