Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX220CWE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX220CWE+
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX220CWE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX220CWE+ Datasheet HTML 5Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 6Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 7Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 8Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 9Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 10Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 11Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 12Page - Maxim Integrated Products MAX220CWE+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
Supply Voltage Range
4.75
5.25
V
Transmitter Enable Time
MAX225
10
20
tET
No load
MAX244–MAX249
11
30
510
30
MAX225
40
VCC Supply Current
(Normal Operation)
3k
Ω loads on
all outputs
MAX244–MAX249
57
mA
Transition Slew Rate
825
CL = 50pF to 2500pF, RL = 3k
Ω to 7kΩ, VCC = +5V,
TA = +25°C, measured from +3V to -3V or -3V to +3V
TA = TMIN to TMAX
CONDITIONS
50
V/µs
MAX246–MAX249
(excludes charge-pump startup)
Shutdown Supply Current
µA
5
tPHLT, Figure 1
1.3
3.5
µs
tPLHT, Figure 1
1.5
3.5
Transmitter Disable Time
Transmitter Propagation Delay
TLL to RS-232 (Normal Operation)
µs
tDT, Figure 4
100
ns
Transmitter + to - Propagation
Delay Difference (Normal Operation)
tPHLT - tPLHT
UNITS
MIN
TYP
MAX
350
PARAMETER
ns
Receiver + to - Propagation
Delay Difference (Normal Operation)
tPHLR - tPLHR
350
ns
4.5
5.5
MAX244–MAX249
MAX225
Leakage current
±1
Logic-low voltage
1.4
0.8
Control Input
Logic-high voltage
2.4
1.4
V
µA
TA = +25°C
tPHLR, Figure 2
0.6
1.5
tPLHR, Figure 2
0.6
1.5
Receiver Propagation Delay
TLL to RS-232 (Normal Operation)
µs
tPHLS, Figure 2
0.6
10
tPLHS, Figure 2
3.0
10
Receiver Propagation Delay
TLL to RS-232 (Low-Power Mode)
µs
Receiver-Output Enable Time
tER, Figure 3
100
500
ns
Receiver-Output Disable Time
tDR, Figure 3
100
500
ns
MAX225/MAX245–MAX249
(includes charge-pump startup)
10
ms
POWER SUPPLY AND CONTROL LOGIC
AC CHARACTERISTICS
Note 7: All units production tested at hot. Specifications over temperature are guaranteed by design.
Note 8: The 300
Ω minimum specification complies with EIA/TIA-232E, but the actual resistance when in shutdown mode or VCC =
0V is 10M
Ω as is implied by the leakage specification.
ELECTRICAL CHARACTERISTICS—MAX225/MAX244–MAX249 (continued)
(MAX225, VCC = +5.0V ±5%; MAX244–MAX249, VCC = +5.0V ±10%, external capacitors C1–C4 = 1µF; TA = TMIN to TMAX; unless
otherwise noted.) (Note 7)
Maxim Integrated
9
MAX220–MAX249
MAX220–MAX249


Similar Part No. - MAX220CWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220CWE++ MAXIM-MAX220CWE+ Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220CWE++ MAXIM-MAX220CWE+ Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220CWE++ MAXIM-MAX220CWE+ Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX220CWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com