Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR10EZPJ110 Datasheet(PDF) 4 Page - Rohm

Part # MCR10EZPJ110
Description  Full line up from ultra small size (01005) to 2512 with jumper type.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR10EZPJ110 Datasheet(HTML) 4 Page - Rohm

  MCR10EZPJ110 Datasheet HTML 1Page - Rohm MCR10EZPJ110 Datasheet HTML 2Page - Rohm MCR10EZPJ110 Datasheet HTML 3Page - Rohm MCR10EZPJ110 Datasheet HTML 4Page - Rohm MCR10EZPJ110 Datasheet HTML 5Page - Rohm MCR10EZPJ110 Datasheet HTML 6Page - Rohm MCR10EZPJ110 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.D
Data Sheet
MCR series < Automotive >
Derating Curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
0
20
40
60
80
100
−55
0
70
100
125
AMBIENT TEMPERATURE (
°C)
MCR006 / 100
Characteristics
Test Items
Test Conditions
Resistor Type
Guaranteed Value
Jumper Type
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.1Ω)
Max. 50m
Ω
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
Max. 50m
Ω
Max. 100m
Ω
See "Products List"
See "Products List"
20
°C
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
Compliance Standard(s) : IEC60115
−8
JISC 5201
−8
Measurement :
+20 / −55 / +20 / +125°C
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s
40
°C, 93%RH (Relative Humidity)
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
Max. 100m
Ω
Max. 100m
Ω
Max. 50m
Ω
Max. 50m
Ω
Max. 50m
Ω
70
°C
Rated voltage (current)
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
125
°C (MCR006 / 25 / 50 / 100)
155
°C (MCR01 / 03 / 10 / 18)
Test time : 1,000h to 1,048h
23
±5°C, Immersion cleaning, 5±0.5min
Solvent : 2
−propanol
Test temp.
−55°C to +125°C 100cycle (MCR006 / 01 / 03)
−55°C to +125°C 5cycle (MCR10 / 18 / 25 / 50 / 100)
Rosin·Ethanol : 25% (Weight)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s
Rated voltage (current)
×2.5, 2s.
Maximum overload voltage
Chip weight (typical value)
Parameter
Unit
MCR006
YZP
MCR01
MZP / PZPI
MCR03
EZP / MZP / PZPI
MCR10
EZP
MCR18
EZP
MCR25
JZH
MCR50
JZH
MCR100
JZH
mg/pc
0.157
0.70
2.12
5.03
9.46
16.5
25.8
42.0
Weight
MCR01 / 03 / 10 / 18 / 25 / 50
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)


Similar Part No. - MCR10EZPJ110

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10EZPJ100 ROHM-MCR10EZPJ100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR10EZPJ100 ROHM-MCR10EZPJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10EZPJ100 ROHM-MCR10EZPJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10EZPJ100 ROHM-MCR10EZPJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10EZPJ100 ROHM-MCR10EZPJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR10EZPJ110

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
C005YXXXXXBSTR AVX-C005YXXXXXBSTR Datasheet
128Kb / 2P
   Ultra-Miniature 01005 Size Accu-P짰
C005 AVX-C005 Datasheet
128Kb / 2P
   Ultra-Miniature 01005 Size Accu-P
logo
TECH PUBLIC Electronics...
ESD5V0B5-01005 TECHPUBLIC-ESD5V0B5-01005 Datasheet
869Kb / 6P
   01005 Size 1-Line ESD Protection
logo
MERITEK ELECTRONICS COR...
CST MERITEK-CST Datasheet
377Kb / 6P
   High power rating up to 3 Watts in 2512 size
logo
Semtech Corporation
UCLAMP0541Z2A SEMTECH-UCLAMP0541Z2A Datasheet
570Kb / 7P
   01005 Size 關Clamp짰 1-Line ESD Protection
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
logo
Panasonic Semiconductor
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
   Ultra small size, light weight.
logo
Murata Manufacturing Co...
NFM18P MURATA-NFM18P Datasheet
77Kb / 4P
   Ultra small size in 1.6x0.8mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com