Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2066ETL Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2066ETL
Description  50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2066ETL Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2066ETL Datasheet HTML 6Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 7Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 8Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 9Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 10Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 11Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 12Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 13Page - Maxim Integrated Products MAX2066ETL Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
50MHz to 1000MHz High-Linearity,
Serial/Parallel-Controlled Digital VGA
10
______________________________________________________________________________________
3rd HARMONIC vs. ATTENUATOR STATE
(LOW-CURRENT MODE)
ATTENUATOR STATE (dB)
32
90
75
85
80
08
28
16
24
20
412
POUT = 3dBm
fRF = 200MHz
TC = -40
°C
TC = +25
°C
TC = +85
°C
OUTPUT IP3 vs. RF FREQUENCY
(LOW-CURRENT MODE)
RF FREQUENCY (MHz)
1050
650
250
45
25
30
35
40
50
450
850
POUT = 0dBm/TONE
TC = -40
°C
TC = +85
°C
TC = +25
°C
OUTPUT IP3 vs. RF FREQUENCY
(LOW-CURRENT MODE)
RF FREQUENCY (MHz)
1050
650
250
45
25
40
35
30
50
450
850
VCC = 4.75V
VCC = 5.25V
POUT = 0dBm/TONE
VCC = 5.00V
OUTPUT IP3 vs. ATTENUATOR STATE
(LOW-CURRENT MODE)
ATTENUATOR STATE (dB)
41
43
45
39
37
35
0
122028
32
24
416
8
TC = +85
°C LSB
TC = -40
°C LSB TC = -40°C USB
POUT = 0dBm/TONE
fRF = 200MHz
TC = +25
°C USB
TC = +25
°C LSB
TC = +85
°C USB
2nd HARMONIC vs. RF FREQUENCY
(LOW-CURRENT MODE)
RF FREQUENCY (MHz)
1050
650
250
80
40
70
60
50
50
450
850
POUT = 3dBm
TC = -40
°C
TC = +25
°C
TC = +85
°C
2nd HARMONIC vs. RF FREQUENCY
(LOW-CURRENT MODE)
RF FREQUENCY (MHz)
1050
650
250
80
40
70
60
50
50
450
850
POUT = 3dBm
VCC = 5.00V
VCC = 5.25V
VCC = 4.75V
2nd HARMONIC vs. ATTENUATOR STATE
(LOW-CURRENT MODE)
ATTENUATOR STATE (dB)
71
72
73
70
69
68
67
0
122028
32
24
416
8
POUT = 3dBm
fRF = 200MHz
TC = +25
°C
TC = +85
°C
TC = -40
°C
3rd HARMONIC vs. RF FREQUENCY
(LOW-CURRENT MODE)
RF FREQUENCY (MHz)
250
450
650
850
1050
110
60
90
100
80
70
50
POUT = 3dBm
TC = -40
°C
TC = +25
°C
TC = +85
°C
3rd HARMONIC vs. RF FREQUENCY
(LOW-CURRENT MODE)
RF FREQUENCY (MHz)
1050
650
250
110
60
100
90
80
70
50
450
850
POUT = 3dBm
VCC = 5.00V
VCC = 5.25V
VCC = 4.75V
Typical Operating Characteristics (continued)
(VCC = VDD = +5.0V, LC mode, digital attenuator set for maximum gain, PIN = -20dBm, fRF = 200MHz, and TC = +25°C, unless oth-
erwise noted.)


Similar Part No. - MAX2066ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2066ETL MAXIM-MAX2066ETL Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2066ETLT MAXIM-MAX2066ETLT Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
More results

Similar Description - MAX2066ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2066 MAXIM-MAX2066 Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2063 MAXIM-MAX2063 Datasheet
2Mb / 22P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 6/10
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com