Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX481EEPA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX481EEPA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481EEPA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX481EEPA Datasheet HTML 1Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 2Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 3Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 4Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 5Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 6Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 7Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 8Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
0
5
10
15
20
25
30
35
40
45
50
OUTPUT CURRENT vs.
RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
1.5
2.0
2.5
1.0
0.5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-60
-20
60
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
IRO = 8mA
0
-5
-10
-15
-20
-25
1.5
3.0
OUTPUT CURRENT vs.
RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
5.0
4.5
4.0
2.0
2.5
3.5
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
-60
-20
60
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
IRO = 8mA
0
10
20
30
40
50
60
70
80
90
DRIVER OUTPUT CURRENT vs.
DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
1.5 2.0 2.5 3.0 3.5 4.0 4.5
1.0
0.5
0
__________________________________________Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)
NOTES FOR ELECTRICAL/SWITCHING CHARACTERISTICS
Note 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device
ground unless otherwise specified.
Note 2: All typical specifications are given for VCC = 5V and TA = +25°C.
Note 3: Supply current specification is valid for loaded transmitters when DE = 0V.
Note 4: Applies to peak current. See
Typical Operating Characteristics.
Note 5: The MAX481E/MAX483E/MAX487E are put into shutdown by bringing
R
E
high and DE low. If the inputs are in this state for
less than 50ns, the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are
guaranteed to have entered shutdown. See
Low-Power Shutdown Mode section.
MAX481E/MAX483E/MAX485E/
MAX487E–MAX491E/MAX1487E
Maxim Integrated
5


Similar Part No. - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481EEPA MAXIM-MAX481EEPA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481EEPA MAXIM-MAX481EEPA Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481EEPA MAXIM-MAX481EEPA Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results

Similar Description - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com