Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX481EESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX481EESA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481EESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX481EESA Datasheet HTML 2Page - Maxim Integrated Products MAX481EESA Datasheet HTML 3Page - Maxim Integrated Products MAX481EESA Datasheet HTML 4Page - Maxim Integrated Products MAX481EESA Datasheet HTML 5Page - Maxim Integrated Products MAX481EESA Datasheet HTML 6Page - Maxim Integrated Products MAX481EESA Datasheet HTML 7Page - Maxim Integrated Products MAX481EESA Datasheet HTML 8Page - Maxim Integrated Products MAX481EESA Datasheet HTML 9Page - Maxim Integrated Products MAX481EESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
1.5
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
-60
-20
60
DRIVER DIFFERENTIAL OUTPUT
VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
R = 54
Ω
0
20
40
60
80
100
120
140
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
02468
10
12
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-8
-2
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
6
4
2
-6
-4
0
0
100
200
300
400
500
600
-60
-20
60
MAX481E/MAX485E/MAX490E/MAX491E
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
MAX481E/MAX485E; DE = VCC, RE = X
MAX485E; DE = 0, RE = X,
MAX481E; DE = RE = 0
MAX490E/MAX491E; DE = RE = X
MAX481E; DE = 0, RE = VCC
0
100
200
300
400
500
600
-60
-20
60
MAX483E/MAX487E–MAX489E
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
MAX483E; DE = VCC, RE = X
MAX487E; DE = VCC, RE = X
MAX483E/MAX487E; DE = 0, RE = VCC
MAX483E/MAX487E; DE = RE = 0,
MAX488E/MAX489E; DE = RE = X
0
100
200
300
400
500
600
-60
-20
60
MAX1487E
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
MAX1487E; DE = VCC, RE = X
MAX1487E; DE = 0V, RE = X
MAX481E/MAX483E/MAX485E/
MAX487E–MAX491E/MAX1487E
6
Maxim Integrated


Similar Part No. - MAX481EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481EESA MAXIM-MAX481EESA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481EESA MAXIM-MAX481EESA Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481EESA MAXIM-MAX481EESA Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results

Similar Description - MAX481EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com