Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX483ECSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX483ECSA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX483ECSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX483ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 9Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 10Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 11Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 12Page - Maxim Integrated Products MAX483ECSA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
__________Function Tables
(MAX481E/MAX483E/MAX485E/MAX487E/MAX1487E)
Table 1. Transmitting
Table 2. Receiving
INPUTS
OUTPUT
RE
DE
A-B
RO
0
0
0
1
0
0
0
0
> +0.2V
< -0.2V
Inputs open
X
1
0
1
High-Z
*
X = Don't care
High-Z = High impedance
* Shutdown mode for MAX481E/MAX483E/MAX487E
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
X
0
1
1
1
0
0
1
0
X
X
0
1
High-Z
High-Z
*
1
0
High-Z
High-Z
*
X = Don't care
High-Z = High impedance
* Shutdown mode for MAX481E/MAX483E/MAX487E
__________Applications Information
The MAX481E/MAX483E/MAX485E/MAX487E–MAX491E
and MAX1487E are low-power transceivers for RS-485
and RS-422 communications. These “E” versions of the
MAX481, MAX483, MAX485, MAX487–MAX491, and
MAX1487 provide extra protection against ESD. The
rugged MAX481E, MAX483E, MAX485E, MAX497E–
MAX491E, and MAX1487E are intended for harsh envi-
ronments where high-speed communication is important.
These devices eliminate the need for transient suppres-
sor diodes and the associated high capacitance loading.
The standard (non-“E”) MAX481, MAX483, MAX485,
MAX487–MAX491, and MAX1487 are recommended for
applications where cost is critical.
The MAX481E, MAX485E, MAX490E, MAX491E, and
MAX1487E can transmit and receive at data rates up to
2.5Mbps, while the MAX483E, MAX487E, MAX488E,
and MAX489E are specified for data rates up to
250kbps. The MAX488E–MAX491E are full-duplex
transceivers, while the MAX481E, MAX483E, MAX487E,
and MAX1487E are half-duplex. In addition, driver-
enable (DE) and receiver-enable (RE) pins are included
on the MAX481E, MAX483E, MAX485E, MAX487E,
MAX489E, MAX491E, and MAX1487E. When disabled,
the driver and receiver outputs are high impedance.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The driver outputs and receiver inputs have
extra protection against static electricity. Maxim’s engi-
neers developed state-of-the-art structures to protect
these pins against ESD of ±15kV without damage. The
ESD structures withstand high ESD in all states: normal
operation, shutdown, and powered down. After an ESD
event, Maxim’s MAX481E, MAX483E, MAX485E,
MAX487E–MAX491E, and MAX1487E keep working
without latchup.
ESD protection can be tested in various ways; the
transmitter outputs and receiver inputs of this product
family are characterized for protection to ±15kV using
the Human Body Model.
Other ESD test methodologies include IEC10004-2 con-
tact discharge and IEC1000-4-2 air-gap discharge (for-
merly IEC801-2).
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test set-up, test methodology, and test results.
Human Body Model
Figure 4 shows the Human Body Model, and Figure 5
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
IEC1000-4-2
The IEC1000-4-2 standard covers ESD testing and per-
formance of finished equipment; it does not specifically
refer to integrated circuits (Figure 6).
MAX481E/MAX483E/MAX485E/
MAX487E–MAX491E/MAX1487E
Maxim Integrated
9


Similar Part No. - MAX483ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX483ECSA MAXIM-MAX483ECSA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX483ECSA MAXIM-MAX483ECSA Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX483ECSA MAXIM-MAX483ECSA Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results

Similar Description - MAX483ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com