Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6355TZUT-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6355TZUT-T
Description  Dual/Triple-Voltage μP Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6355TZUT-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6355TZUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX6355TZUT-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
6
_______________________________________________________________________________________
Pin Description
PIN
MAX6351
MAX6352
MAX6353
MAX6354
MAX6355
MAX6356
MAX6357
MAX6358
MAX6359
MAX6360
NAME
FUNCTION
Active-Low, CMOS Reset Output Referenced to VCC1
RST1
1
1
1
1
RST
Active-Low Reset Output. Open drain for the MAX6352/
MAX6355/MAX6358, push-pull with respect to VCC1 for
the MAX6353/MAX6356/MAX6359, and push-pull with
respect to VCC2 for the MAX6354/MAX6357/MAX6360.
2
2
2
2
GND
Ground
Manual-Reset Input. Pull low to force a reset. RST,
RST1, and RST2 remain active as long as MR is low
and for the timeout period after MR goes high.
Leave unconnected or connect to VCC1 if unused.
VMR must not exceed VCC1.
MR
3
3
3
3
4
4
4
4
VCC2
Supply Input. Powers the device when it is above
VCC1 and monitors its own voltage.
Active-Low, CMOS Reset Output Referenced to VCC2
RST2
5
5
RSTIN
Undervoltage Reset Comparator Input. Asserts
reset when the monitored voltage falls below 1.22V.
Set the reset threshold with an external resistive
divider. Connect to VCC1 if unused. VRSTIN must not
exceed VCC1.
Watchdog Input. If WDI remains either high or low
longer than the timeout period, then reset is trig-
gered. The timer clears when reset is asserted or
whenever WDI sees a rising or falling edge. Leave
floating to disable it if unused.
WDI
5
6
5
6
6
VCC1
Supply Input. Powers the device when it is above
VCC2 and monitors its own voltage.


Similar Part No. - MAX6355TZUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6355TYUK-T MAXIM-MAX6355TYUK-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
MAX6355TYUT-T MAXIM-MAX6355TYUT-T Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results

Similar Description - MAX6355TZUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6730A MAXIM-MAX6730A Datasheet
459Kb / 16P
   Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output
Rev 0; 8/06
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX706RESA-T MAXIM-MAX706RESA-T Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com