Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX220MJE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX220MJE
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX220MJE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX220MJE Datasheet HTML 1Page - Maxim Integrated Products MAX220MJE Datasheet HTML 2Page - Maxim Integrated Products MAX220MJE Datasheet HTML 3Page - Maxim Integrated Products MAX220MJE Datasheet HTML 4Page - Maxim Integrated Products MAX220MJE Datasheet HTML 5Page - Maxim Integrated Products MAX220MJE Datasheet HTML 6Page - Maxim Integrated Products MAX220MJE Datasheet HTML 7Page - Maxim Integrated Products MAX220MJE Datasheet HTML 8Page - Maxim Integrated Products MAX220MJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
__________________________________________Typical Operating Characteristics
MAX220/MAX222/MAX232A/MAX233A/MAX242/MAX243
10
8
-10
0
5
15
25
OUTPUT VOLTAGE vs. LOAD CURRENT
-4
-6
-8
-2
6
4
2
LOAD CURRENT (mA)
10
0
20
0.1
μF
EITHER V+ OR V- LOADED
VCC = +5V
NO LOAD ON
TRANSMITTER OUTPUTS
(EXCEPT MAX220, MAX233A)
V- LOADED, NO LOAD ON V+
V+ LOADED, NO LOAD ON V-
1
μF
1
μF
0.1
μF
11
10
4
010
40
60
AVAILABLE OUTPUT CURRENT
vs. DATA RATE
6
5
7
9
8
DATA RATE (kb/s)
20
30
50
OUTPUT LOAD CURRENT
FLOWS FROM V+ TO V-
VCC = +5.25V
ALL CAPS
1
μF
ALL CAPS
0.1
μF
VCC = +4.75V
+10V
-10V
MAX222/MAX242
ON-TIME EXITING SHUTDOWN
+5V
+5V
0V
0V
500
μs/div
1
μF CAPS
V+
V+
V-
V-
SHDN
0.1
μF CAPS
1
μF CAPS
0.1
μF CAPS
ELECTRICAL CHARACTERISTICS—MAX220/222/232A/233A/242/243 (continued)
(VCC = +5V ±10%, C1–C4 = 0.1µF‚ MAX220, C1 = 0.047µF, C2–C4 = 0.33µF, TA = TMIN to TMAX‚ unless otherwise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX222/MAX232A/MAX233/
MAX242/MAX243
0.5
1
tPHLR, Figure 2
MAX220
0.6
3
MAX222/MAX232A/MAX233/
MAX242/MAX243
0.6
1
Receiver Propagation Delay RS-232 to
TLL (Normal Operation)
tPLHR, Figure 2
MAX220
0.8
3
μs
tPHLS, Figure 2
MAX242
0.5
10
Receiver Propagation Delay RS-232 to
TLL (Shutdown)
tPHLS, Figure 2
MAX242
2.5
10
μs
Receiver-Output Enable Time
tER
MAX242, Figure 3
125
500
ns
Receiver-Output Disable Time
tDR
MAX242, Figure 3
160
500
ns
Transmitter-Output Enable Time
(
SHDN Goes High)
tET
MAX222/MAX242, 0.1μF
caps (includes charge-pump
start-up), Figure 4
250
μs
Transmitter-Output Disable Time
(
SHDN Goes Low)
tDT
MAX222/MAX242,
0.1μF caps, Figure 4
600
ns
MAX222/MAX232A/MAX233/
MAX242/MAX243
300
Transmitter + to - Propagation Delay
Difference (Normal Operation)
tPHLT - tPLHT
MAX220
2000
ns
MAX222/MAX232A/MAX233/
MAX242/MAX243
100
Receiver + to - Propagation Delay
Difference (Normal Operation)
tPHLR - tPLHR
MAX220
225
ns
Note 3: All units are production tested at hot. Specifications over temperature are guaranteed by design.
Note 4: MAX243 R2OUT is guaranteed to be low when R2IN
≥ 0V or is unconnected.
4
Maxim Integrated
MAX220–MAX249
MAX220–MAX249


Similar Part No. - MAX220MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220MJE MAXIM-MAX220MJE Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX220MJE MAXIM-MAX220MJE Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220MJE MAXIM-MAX220MJE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220MJE MAXIM-MAX220MJE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220MJE MAXIM-MAX220MJE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX220MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com