Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8516EUB-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8516EUB-T
Description  1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8516EUB-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8516EUB-T Datasheet HTML 1Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 2Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 3Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 4Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 5Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 6Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 7Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 8Page - Maxim Integrated Products MAX8516EUB-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1.425V to 3.6V Input, 1A,
0.2V Dropout LDO Regulators
_______________________________________________________________________________________
5
FB VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
499
500
501
502
498
-40
85
ILOAD = 10mA
OUTPUT RIPPLE VOLTAGE
MAX8516/17/18 toc11
100µs/div
VOUT
AC-COUPLED
1mV/div
OVERCURRENT THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1.80
1.85
1.90
1.95
1.75
-40
85
SHORT-CIRCUIT CURRENT
MAX8516/17/18 toc13
100µs/div
VOUT
1V/div
IOUT
2A/div
CASE TEMPERATURE
vs. LOAD CURRENT
LOAD CURRENT (mA)
800
600
400
200
15
30
45
60
75
0
0
1000
VIN = 2.5V; TA = +25°C
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = +1.8V, VOUT = +1.5V, IOUT = 1A, COUT = 4.7µF, CIN = 1µF, TA = +25°C.)


Similar Part No. - MAX8516EUB-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516EUB MAXIM-MAX8516EUB Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB MAXIM-MAX8516EUB Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
More results

Similar Description - MAX8516EUB-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
logo
Excelliance MOS Corp.
EM5105 EXCELLIANCE-EM5105 Datasheet
416Kb / 10P
   1A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com