Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6709DUB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6709DUB
Description  Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6709DUB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6709DUB Datasheet HTML 1Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 2Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 3Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 4Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 5Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 6Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 7Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 8Page - Maxim Integrated Products MAX6709DUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Low-Voltage, High-Accuracy, Quad Voltage
Monitors in µMAX Package
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE (MAX6709)
SUPPLY VOLTAGE (V)
5.0
4.5
3.5 4.0
1.0 1.5 2.0 2.5 3.0
0.5
5
10
15
20
25
30
35
40
45
50
0
05.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE (MAX6714)
SUPPLY VOLTAGE (V)
5.0
4.5
3.5 4.0
1.0 1.5 2.0 2.5 3.0
0.5
10
20
30
40
50
60
70
80
90
100
0
0
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
NORMALIZED THRESHOLD ERROR
vs. SUPPLY VOLTAGE (MAX6709)
SUPPLY VOLTAGE (V)
5.0
4.5
3.5
4.0
3.0
2.5
-0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-0.02
2.0
5.5
NORMALIZED TO VCC = 5V
NORMALIZED THRESHOLD
vs. TEMPERATURE (MAX6709)
TEMPERATURE (
°C)
60
35
-15
10
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-0.20
-40
85
NORMALIZED PFI_ THRESHOLD
vs. TEMPERATURE (MAX6714)
TEMPERATURE (
°C)
60
35
10
-15
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.990
-40
85
VCC = 3V OR 5V
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
SINK CURRENT (mA)
9
8
6
7
2
3
4
5
1
20
40
60
80
100
120
140
160
180
200
0
010
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAXIMUM TRANSIENT DURATION
vs. VCC OVERDRIVE (MAX6714)
VCC OVERDRIVE (mV)
900
800
600 700
200 300 400 500
100
10
20
30
40
50
60
70
80
90
100
110
120
0
01000
RESET ASSERTS
ABOVE THIS LINE
MAXIMUM TRANSIENT DURATION
vs. PFI_ OVERDRIVE (MAX6714)
PFI_ OVERDRIVE (mV)
500
100
40
20
10
20
30
40
50
60
70
80
90
100
110
120
0
01000
PFO_ ASSERTS
ABOVE THIS LINE
RESET TIMEOUT PERIOD
vs. TEMPERATURE (MAX6714)
TEMPERATURE (
°C)
60
35
10
-15
211
212
213
214
215
216
210
-40
85


Similar Part No. - MAX6709DUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6709-MAX6714 MAXIM-MAX6709-MAX6714 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6709UB MAXIM-MAX6709UB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
More results

Similar Description - MAX6709DUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com