Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8516EUB Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8516EUB
Description  1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8516EUB Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8516EUB Datasheet HTML 2Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 3Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 4Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 5Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 6Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 7Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 8Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 9Page - Maxim Integrated Products MAX8516EUB Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Operating Region and Power Dissipation
The maximum power dissipation depends on the ther-
mal resistance of the IC package and circuit board, the
temperature difference between the die junction and
ambient air, and the rate of airflow. The power dissipat-
ed in the device is P = IOUT (VIN - VOUT).
The package features an exposed thermal pad on its
underside. This pad lowers the thermal resistance of
the package by providing a direct heat conduction
path from the die to the PCB.
Additionally, the ground pins (GND) perform the dual
function of providing an electrical connection to system
ground and channeling heat away. Connect the
exposed backside pad and GND to the system ground
using a large pad or ground plane, or multiple vias to
the ground plane layer.
Applications Information
Capacitor Selection and
Regulator Stability
Capacitors are required at the MAX8516/MAX8517/
MAX8518 inputs and outputs for stable operation over the
full temperature range and with load currents up to 1A.
Connect a 1µF capacitor between IN and ground and a
4.7µF capacitor with low equivalent series resistance
(ESR) between OUT and ground for 1A output current.
The input capacitor (CIN) lowers the source impedance of
the input supply. If input-supply source impedance is
high, place a larger input capacitor close to IN to prevent
VIN sagging due to load transients. Smaller output capac-
itors can be used for output currents less than 1A.
Calculate COUT as follows:
Noise, PSRR, and Transient Response
The MAX8516/MAX8517/MAX8518 are designed to
operate with low dropout voltages and low quiescent
currents while still maintaining good noise, transient
response, and AC rejection (see the
Typical Operating
Characteristics for a plot of Power-Supply Rejection
Ratio (PSRR) vs. Frequency). When operating from
noisy sources, improved supply-noise rejection and
transient response can be achieved by increasing the
values of the input and output bypass capacitors and
through passive filtering techniques. The MAX8516/
MAX8517/MAX8518 load-transient response graphs
(see the
Typical Operating Characteristics) show two
components of the output response: a DC shift from the
output impedance due to the load current change, and
the transient response. A typical transient overshoot for
a step change in the load current from 20mA to 1A is
45mV. Use larger output ceramic capacitors greater
than 4.7µF up to 50µF to attenuate the overshoot.
CI
F
mA
OUT
OUT MAX
()
()
µ
1
200
1.425V to 3.6V Input, 1A,
0.2V Dropout LDO Regulators
8
_______________________________________________________________________________________


Similar Part No. - MAX8516EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516EUB MAXIM-MAX8516EUB Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB MAXIM-MAX8516EUB Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
More results

Similar Description - MAX8516EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
   1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
   1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
   1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
logo
Excelliance MOS Corp.
EM5105 EXCELLIANCE-EM5105 Datasheet
416Kb / 10P
   1A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com