Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8784EVKIT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8784EVKIT
Description  Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8784EVKIT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8784EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Step-Up Regulator, Internal Charge Pumps, Switch
Control, and Operational Amplifier for TFT LCDs
_______________________________________________________________________________________
7
STEP-UP REGULATOR EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
600
400
200
79
83
87
91
95
75
0800
fOSC = 1.2MHz
VIN = 5.0V
STEP-UP REGULATOR LOAD REGULATION
LOAD CURRENT (mA)
600
400
200
-0.6
-0.2
0.2
0.6
1.0
-1.0
0
800
VCC QUIESCENT CURRENT
vs. VCC
VCC (V)
5.6
4.8
5.2
4.4
1
2
3
4
5
0
4.0
6.0
SWITCHING
NOT SWITCHING
VCC QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1
2
3
4
5
0
-40
85
SWITCHING
NOT SWITCHING
STEP-UP REGULATOR SOFT-START
(HEAVY LOAD)
MAX8784 toc05
10ms/div
AVDD
LX: 10V/div
ILOAD: 500mA/div
IL: 20A/div
AVDD: 10V/div
IL
ILOAD
LX
STEP-UP REGULATOR LOAD
TRANSIENT RESPONSE
MAX8784 toc06
20
µs/div
AVDD
ILOAD: 200mA/div
IL: 1A/div
AVDD: 100mV/div
(AC-COUPLED)
IL
ILOAD
STEP-UP REGULATOR PULSED
LOAD TRANSIENT RESPONSE
MAX8784 toc07
10
µs/div
AVDD : 200mV/div
(AC-COUPLED)
IL : 1A/div
IAVDD : 1A/div
IAVDD : 0.3A TO 1.3A,
2
µs PULSE
AVDD
IL
IAVDD
0A
0A
Typical Operating Characteristics
(Circuit of Figure 1, VCC = 5V, AVDD = 14V, VPOUT = 28V, VGOFF = -9V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8784EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784ETL++ MAXIM-MAX8784ETL+ Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
More results

Similar Description - MAX8784EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8758 MAXIM-MAX8758 Datasheet
400Kb / 20P
   Step-Up Regulator with Switch Control and Operational Amplifier for TFT LCD
Rev 1; 9/05
MAX17115 MAXIM-MAX17115 Datasheet
2Mb / 23P
   Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
2010
MAX17088 MAXIM-MAX17088 Datasheet
796Kb / 28P
   Internal-Switch Boost Regulator with High-Voltage Level Shifter for TFT LCDs
2009
MAX8798 MAXIM-MAX8798 Datasheet
594Kb / 30P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Rev 0; 9/07
MAX8798 MAXIM-MAX8798_V01 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
   Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com