Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8784EVKIT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8784EVKIT
Description  Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8784EVKIT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8784EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 11Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 12Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Step-Up Regulator, Internal Charge Pumps, Switch
Control, and Operational Amplifier for TFT LCDs
_______________________________________________________________________________________
9
HIGH-VOLTAGE SWITCH
CONTROL FUNCTION
MAX8784 toc16
10
µs/div
CTL: 5V/div
GON: 10V/div
CTL
GON
CGON = 1.5nF
RDRN = 1k
Ω TO AVDD
OPERATIONAL AMPLIFIER
FREQUENCY RESPONSE
FREQUENCY ( MHz)
10
1
-6
-3
0
3
6
-9
0.1
100
CLOAD = 56pF
CLOAD = 15pF
CLOAD = 33pF
OPERATIONAL AMPLIFIER
RAIL-TO-RAIL OPERATION
MAX8784 toc18
2
µs/div
POS1: 5V/div
OUT1: 5V/div
OUT1
POS1
OPERATIONAL AMPLIFIER
LOAD-TRANSIENT RESPONSE
MAX8784 toc19
2
µs/div
VOUT1: 200mV/div
ILOAD: 100mA/div
VOUT1
ILOAD
OPERATIONAL AMPLIFIER
LARGE-SIGNAL RESPONSE
MAX8784 toc20
200ns/div
OUT1: 5V/div
POS1: 5V/div
POS1
OUT1
OPERATIONAL AMPLIFIER
SMALL-SIGNAL STEP RESPONSE
MAX8784 toc21
100ns/div
POS1: 50mV/div (AC-COUPLED)
OUT1: 50mV/div (AC-COUPLED)
POS1
OUT1
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VCC = 5V, AVDD = 14V, VPOUT = 28V, VGOFF = -9V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8784EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784ETL++ MAXIM-MAX8784ETL+ Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
More results

Similar Description - MAX8784EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8758 MAXIM-MAX8758 Datasheet
400Kb / 20P
   Step-Up Regulator with Switch Control and Operational Amplifier for TFT LCD
Rev 1; 9/05
MAX17115 MAXIM-MAX17115 Datasheet
2Mb / 23P
   Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
2010
MAX17088 MAXIM-MAX17088 Datasheet
796Kb / 28P
   Internal-Switch Boost Regulator with High-Voltage Level Shifter for TFT LCDs
2009
MAX8798 MAXIM-MAX8798 Datasheet
594Kb / 30P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Rev 0; 9/07
MAX8798 MAXIM-MAX8798_V01 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
   Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com