Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18BD182SN1p Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM18BD182SN1p
Description  BLM18B Series (0603 Size)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18BD182SN1p Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM18BD182SN1p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18BD182SN1p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18BD182SN1p Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18BD182SN1p Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18BD182SN1p Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18BD182SN1p Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM18BD182SN1p Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM18BD182SN1p Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
2011.5.12
Noise Suppression Products/EMI Suppression Filters > EMIFILr (Inductor type) > Chip Ferrite Bead
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
: Electrode
(Resistance element becomes dominant
at high frequencies.)
EMIFILr (Inductor type) Chip Ferrite Bead
BLM18B Series (0603 Size)
I Dimensions
I Equivalent Circuit
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
I Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18BD470SN1p
47ohm
±25%
-
500mA
0.30ohm max.
-55 to +125
°C
BLM18BD121SN1p
120ohm
±25%
-
200mA
0.40ohm max.
-55 to +125
°C
BLM18BD151SN1p
150ohm
±25%
-
200mA
0.40ohm max.
-55 to +125
°C
BLM18BD221SN1p
220ohm
±25%
-
200mA
0.45ohm max.
-55 to +125
°C
BLM18BD331SN1p
330ohm
±25%
-
200mA
0.50ohm max.
-55 to +125
°C
BLM18BD421SN1p
420ohm
±25%
-
200mA
0.55ohm max.
-55 to +125
°C
BLM18BD471SN1p
470ohm
±25%
-
200mA
0.55ohm max.
-55 to +125
°C
BLM18BD601SN1p
600ohm
±25%
-
200mA
0.65ohm max.
-55 to +125
°C
BLM18BD102SN1p
1000ohm
±25%
-
100mA
0.85ohm max.
-55 to +125
°C
BLM18BD152SN1p
1500ohm
±25%
-
50mA
1.20ohm max.
-55 to +125
°C
BLM18BD182SN1p
1800ohm
±25%
-
50mA
1.50ohm max.
-55 to +125
°C
BLM18BD222SN1p
2200ohm
±25%
-
50mA
1.50ohm max.
-55 to +125
°C
BLM18BD252SN1p
2500ohm
±25%
-
50mA
1.50ohm max.
-55 to +125
°C
BLM18BB050SN1p
5ohm
±25%
-
700mA
0.05ohm max.
-55 to +125
°C
BLM18BB100SN1p
10ohm
±25%
-
700mA
0.10ohm max.
-55 to +125
°C
BLM18BB220SN1p
22ohm
±25%
-
600mA
0.20ohm max.
-55 to +125
°C
BLM18BB470SN1p
47ohm
±25%
-
550mA
0.25ohm max.
-55 to +125
°C
BLM18BB600SN1p
60ohm
±25%
-
550mA
0.25ohm max.
-55 to +125
°C
Number of Circuits: 1
Continued on the following page.


Similar Part No. - BLM18BD182SN1p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18BD182SN1 MURATA-BLM18BD182SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18BD182SN1 MURATA-BLM18BD182SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18BD182SN1 MURATA-BLM18BD182SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM18BD182SN1 MURATA-BLM18BD182SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18BD182SN1 MURATA-BLM18BD182SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
More results

Similar Description - BLM18BD182SN1p

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DB0603N2017ANTR AVX-DB0603N2017ANTR Datasheet
66Kb / 3P
   Miniature 0603 size
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
logo
List of Unclassifed Man...
PMS0603-005 ETC2-PMS0603-005 Datasheet
2Mb / 28P
   Surface Mount Polymer PTC PMS Series, 0603 Size
logo
Murata Manufacturing Co...
NFA18SL227V1A45L MURATA-NFA18SL227V1A45L Datasheet
99Kb / 3P
   EMIFILr (LC Combined) Array NFA18SL_V Series (0603 Size)
logo
Visual Communications C...
7017X VCC-7017X Datasheet
693Kb / 1P
   Surface Mount LEDs 0603 Package Size
logo
Eaton All Rights Reserv...
CC06H EATON-CC06H Datasheet
922Kb / 7P
   High I2t Chip??0603 size fuses
logo
Shanghai Leiditech Elec...
TSML100 LEIDITECH-TSML100 Datasheet
467Kb / 2P
   Small size of 0603 Low resistance
logo
List of Unclassifed Man...
YJP-1608-R001 ETC2-YJP-1608-R001 Datasheet
51Kb / 1P
   Higher Current 10A with 0603 size
logo
Cooper Bussmann, Inc.
CC06H1A COOPER-CC06H1A_14 Datasheet
1,022Kb / 7P
   High I2t Chip??0603 size fuses
logo
AVX Corporation
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com