Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD72 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65HVD72
Description  3.3V-Supply RS-485 with IEC ESD Protection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD72 Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD72_13 Datasheet HTML 1Page - Texas Instruments SN65HVD72_13 Datasheet HTML 2Page - Texas Instruments SN65HVD72_13 Datasheet HTML 3Page - Texas Instruments SN65HVD72_13 Datasheet HTML 4Page - Texas Instruments SN65HVD72_13 Datasheet HTML 5Page - Texas Instruments SN65HVD72_13 Datasheet HTML 6Page - Texas Instruments SN65HVD72_13 Datasheet HTML 7Page - Texas Instruments SN65HVD72_13 Datasheet HTML 8Page - Texas Instruments SN65HVD72_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SN65HVD72
SN65HVD75
SN65HVD78
SLLSE11B – MARCH 2012 – REVISED JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Table 2. DRIVER FUNCTION TABLE
INPUT
ENABLE
OUTPUTS
D
DE
A
B
H
H
H
L
Actively drive bus High
L
H
L
H
Actively drive bus Low
X
L
Z
Z
Driver disabled
X
OPEN
Z
Z
Driver disabled by default
OPEN
H
H
L
Actively drive bus High by default
Table 3. RECEIVER FUNCTION TABLE
DIFFERENTIAL INPUT
ENABLE
OUTPUT
VID = VA – VB
RE
R
VIT+ < VID
L
H
Receive valid bus High
VIT– < VID < VIT+
L
?
Indeterminate bus state
VID < VIT–
L
L
Receive valid bus Low
X
H
Z
Receiver disabled
X
OPEN
Z
Receiver disabled by default
Open-circuit bus
L
H
Fail-safe high output
Short-circuit bus
L
H
fail-safe high output
Idle (terminated) bus
L
H
fail-safe high output
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD72 SN65HVD75 SN65HVD78


Similar Part No. - SN65HVD72_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DGK TI-SN65HVD72DGK Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DGKR TI-SN65HVD72DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72DR TI1-SN65HVD72DR Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD72_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
[Old version datasheet]   300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1505 TI1-THVD1505 Datasheet
883Kb / 27P
[Old version datasheet]   THVD1505 Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
[Old version datasheet]   THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
Maxim Integrated Produc...
MAX14783E MAXIM-MAX14783E_15 Datasheet
1,018Kb / 18P
   High-Speed 3.3V/5V RS-485/RS-422 Transceiver with ±35kV HBM ESD Protection
Rev 1; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com