Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155F51E104ZA01D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM155F51E104ZA01D
Description  capacitor data sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM155F51E104ZA01D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM155F51E104ZA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM155F51E104ZA01#
# indicates a package specification code.
< List of part numbers with package codes >
GRM155F51E104ZA01D , GRM155F51E104ZA01W , GRM155F51E104ZA01J
Shape
L size
1.0 ±0.05mm
W size
0.5 ±0.05mm
T size
0.5 ±0.05mm
External terminal width e
0.15 to 0.35mm
Distance between external terminals g
0.3mm min.
Size code in mm(inch)
1005 (0402)
Specifications
Capacitance
0.10µF +80/-20%
Rated voltage
25Vdc
Temperature characteristics (complied standard)
Y5V(EIA)
Capacitance change rate
+22.0/-82.0%
Temperature range of temperature characteristics
-30 to 85℃
Operating temperature range
-30 to 85℃
References
Packaging
Specifications
Minimum quantity
D
φ180mm Paper taping
10000
J
φ330mm Paper taping
50000
W
φ180mm Paper taping (W8P1*)
* Width : 8mm, Pocket pitch : 1mm
20000
Mass (typ.)
1 piece
1.6mg
φ180mm Reel
118g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.co.jp/
Last updated: 2013/07/25


Similar Part No. - GRM155F51E104ZA01D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM155F51E223ZA01 ETC-GRM155F51E223ZA01 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
More results

Similar Description - GRM155F51E104ZA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
GRM1885C1E122JA01D MURATA-GRM1885C1E122JA01D Datasheet
43Kb / 1P
   Capacitor data sheet
GRM1555C1H102GA01D MURATA-GRM1555C1H102GA01D Datasheet
84Kb / 2P
   Capacitor data sheet
GRM1555C1H390JA01D MURATA-GRM1555C1H390JA01D Datasheet
93Kb / 3P
   Capacitor data sheet
GNM214B11C104MA01D MURATA-GNM214B11C104MA01D Datasheet
46Kb / 1P
   CAPACITOR DATA SHEET
GCM1885C1H122JA16 MURATA-GCM1885C1H122JA16 Datasheet
3Mb / 2P
   capacitor data sheet
RCER71H152K0K1H03B MURATA-RCER71H152K0K1H03B Datasheet
589Kb / 1P
   capacitor data sheet
RCER72A332K0DBH03A MURATA-RCER72A332K0DBH03A Datasheet
374Kb / 1P
   capacitor data sheet
RHEL81H332K1K1A03B MURATA-RHEL81H332K1K1A03B Datasheet
588Kb / 1P
   capacitor data sheet
GCM1885C1H241JA16 MURATA-GCM1885C1H241JA16 Datasheet
368Kb / 1P
   capacitor data sheet
DEJE3E2332ZN3A MURATA-DEJE3E2332ZN3A Datasheet
349Kb / 1P
   capacitor data sheet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com