Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H100JA01D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM1555C1H100JA01D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR FOR GENERAL GRM1555C1H100JA01_ (0402, C0G, 10pF, 50Vdc)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM1555C1H100JA01D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM1555C1H100JA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM1555C1H100JA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Temperature
Compensating Type
High Dielectric
Constant Type
1 Operating
-55℃ to 125℃
R6:-55℃ to 85℃
Reference Temperature : 25℃
Temperature Range
R7:-55℃ to 125℃
C8:-55℃ to 105℃
E4:10℃ to 85℃
F5:-30℃ to 85℃
L8/R9:-55℃ to 150℃
2 Rated Voltage
See the previous pages.
The rated voltage is defined as the maximum voltage which may be applied
continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V
P-P or VO-P, whichever is
larger, should be maintained within the rated voltage range.
3 Appearance
No defects or abnormalities.
Visual inspection.
4 Dimension
Within the specified dimensions.
Using calipers. (GRM02 size is based on Microscope)
5 Dielectric Strength
No defects or abnormalities.
No failure should be observed when 300% of the rated voltage
(ΔC to7U and 1X) or 250% of the rated voltage (R6,R7,C8,E4,F5,L8 and R9)
is applied between the terminations for 1 to 5 seconds, provided the
charge/discharge current is less than 50mA.
6 Insulation
More than 10,000M
Ω or 500Ω ∙F
The insulation resistance should be measured with a DC voltage
Resistance
(whichever is smaller)
not exceeding the rated voltage at 25℃ and 75%RH max.
and within 2 minutes of charging, provided the charge/discharge
current is less than 50mA.
7 Capacitance
Within the specified tolerance.
The capacitance/Q/D.F. should be measured at 25℃ at the frequency
and voltage shown in the table.
8 Q/Dissipation
30pF and over:Q≧1000
[R6,R7,C8,L8]
 (1)Temperature Compensating Type
Factor (D.F.)
30pF and below:Q≧400+20C
W.V.:100V :0.025max.(C<0.068
mF)
:0.05max.(C≧0.068
mF)
C:Nominal Capacitance(pF)
W.V.:50V/25V :0.025max.
W.V.:16V/10V :0.035max.
W.V.:6.3V/4V :0.05max.(C<3.3
mF)
:0.1max.(C≧3.3
mF)
 (2)High Dielectric Constant Type
[R9]
W.V.:50V: 0.05max.
[E4]
W.V.:25Vmin: 0.025max.
[F5]
W.V.:25Vmin
:0.05max. (C<0.1
mF)
:0.09max.(C≧0.1
mF)
W.V.:16V/10V:0.125max.
W.V.:6.3V:0.15max.
9 Capacitance
Capacitance Within the specified
The capacitance change should be measured after 5min. at each
Temperature
Change
tolerance.(Table A-1)
specified temp.stage.
Characteristics
(1)Temperature Compensating Type
The temperature coefficient is determind using the capacitance
measured in step 3 as a reference.
When cycling the temperature sequentially from step 1 through
5 (
Δ C:+25℃ to +125℃,other temp.coeffs.:+25℃ to +85℃) the capacitance
should be within the specified tolerance for the temperature coefficient
and capacitance change as Table A-1.
The capacitance drift is caluculated by dividing the differences between
the maximum and minimum measured values in the step 1,3 and 5
by the cap.value in step 3.
Temperature Within the specified
Coefficent
tolerance.(Table A-1)
Capacitance Within±0.2% or±0.05pF
Drift
(Whichever is larger.)
*Not apply to 1X/25V
(2)High Dielectric Constant Type
The ranges of capacitance change compared with the 25℃
value over the temperature ranges shown in the table should be
within the specified ranges.*
 
Initial measurement for high dielectric constant type
Perform a heat treatment at 150 +0/-10°C for one hour and then set
for 24±2 hours at room temperature.
Perform the initial measure-ment.
10 Adhesive Strength
No removal of the terminations or other defect should occur.
Solder the capacitor on the test jig (glass epoxy board)shown in
of Termination
Fig.3 using a eutectic solder. Then apply 10N* force in parallel
with the test jig for 10±1sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*1N(GRM02),2N(GR□03),5N(GR□15,GRM18)
■SPECIFICATIONS AND TEST METHODS
No
Item
Specification
Test Method
Step
Temperature(
C)
1
25±2
2
-55±3(for
C to 7U/1X)
3
25±2
4
125±3(for
Δ C),
85±3(for other TC)
5
25±2
Capacitance
Frequency
Voltage
C≦
10μF
1±0.1kHz
1±0.2Vrms
C>
10μF
120±24Hz
0.5±0.1Vrms
E4
1±0.1kHz
0.5±0.05Vrms
Capacitance
Frequency
Voltage
C≦1000pF
1±0.1MHz
0.5 to 5Vrms
C>1000pF
1±0.1kHz
1±0.2Vrms
Char.
Temp. Range
Reference
Temp
.
Cap. Change
R6
-55
C to +85C
25
C
Within ±15%
R7
-55
C to +125C
Within ±15%
C8
-55
C to +105C
Within ±22%
L8
-55
C to +125C
Within ±15%
+125
C to+150C
Within+15/-40%
R9
-55
C to+150C
Within ±15%
E4
+10
C to +85C
Within+22/-56%
F5
-30
C to +85C
Within+22/-82%
Step
Temperature(
C)
1
25±2
2
-55±3(for R6/R7/C8/L8/R9)
-30±3(for F5)
10±3(for E4)
3
25±2
4
150±3(for L8/R9)
125±3(for R7)
105±3(for C8)
5
25±2
JEMCGS-0015Q
2


Similar Part No. - GRM1555C1H100JA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H100JA01D MURATA-GRM1555C1H100JA01D Datasheet
3Mb / 220P
   Chip Monolithic Ceramic Capacitors
logo
Asahi Kasei Microsystem...
GRM1555C1H100JA01D AKM-GRM1555C1H100JA01D Datasheet
1Mb / 52P
   Bluetooth Low Energy transmitter
logo
Skyworks Solutions Inc.
GRM1555C1H100JA01D SKYWORKS-GRM1555C1H100JA01D Datasheet
2Mb / 14P
   400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
More results

Similar Description - GRM1555C1H100JA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM219F51H104ZA01D MURATA-GRM219F51H104ZA01D Datasheet
742Kb / 29P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR GENERAL GRM219F51H104ZA01_ (0805, Y5V, 0.1uF, 50Vdc)
GRM1555C1H471J MURATA-GRM1555C1H471J Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 C0G 470pF 50V
GRM1555C1H102J MURATA-GRM1555C1H102J Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 C0G 1000pF 50V
GCM1555C1H471J MURATA-GCM1555C1H471J Datasheet
55Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 C0G 470pF 50V
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com