Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH2MCN4R7M02p Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH2MCN4R7M02p
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH2MCN4R7M02p Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH2MCN4R7M02p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH2MCN4R7M02p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Frequency (MHz)
1000
100
10
1
0.1
0.1
1
10
1000
100
82
µH
47
µH
22
µH
10
µH
4.7
µH
1.0
µH
Current (mA)
1000
100
10
1
0.1
10
1000
100
82
µH
47
µH
22
µH
10
µH
4.7
µH
1.0
µH
Current (mA)
50
40
30
20
10
0
0
200
400
600
800
47
µH
10
µH2.2µH1.0µH
4.7
µH
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
<Rated Current>
(Based on Temperature Rise)
When Rated Current is applied to the Products,
self-generation of heat will rise to 40
°C or less.
I Notice (Rated Current)
I Inductance-Frequency Characteristics (Typ.)
I Inductance-Current Characteristics (Typ.)
I Temperature Rise Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQH2MCN4R7M02p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2MCN4R7M02 MURATA-LQH2MCN4R7M02 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH2MCN4R7M02 MURATA-LQH2MCN4R7M02 Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN4R7M02 MURATA-LQH2MCN4R7M02 Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
logo
Murata Manufacturing Co...
LQH2MCN4R7M02 MURATA1-LQH2MCN4R7M02 Datasheet
454Kb / 4P
   Inductors
11/23/2022
logo
Murata Manufacturing Co...
LQH2MCN4R7M02L MURATA-LQH2MCN4R7M02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
More results

Similar Description - LQH2MCN4R7M02p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2MCN220K02L MURATA-LQH2MCN220K02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN4R7M02L MURATA-LQH2MCN4R7M02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43PN1R0N26 MURATA-LQH43PN1R0N26 Datasheet
82Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com