Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH2MCN220K02p Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH2MCN220K02p
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH2MCN220K02p Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH2MCN220K02p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH2MCN220K02p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
(in mm)
2.0
±0.2
0.6
±0.2 0.8±0.2 0.6±0.2
1.6
±0.2
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH2MC_02 Series (0806 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
3000
B
Bulk(Bag)
100
I Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH2MCN1R0M02p
1.0
µH±20%
-
485mA
0.30ohm
±30%
100MHz
LQH2MCN1R5M02p
1.5
µH±20%
-
445mA
0.40ohm
±30%
95MHz
LQH2MCN2R2M02p
2.2
µH±20%
-
425mA
0.48ohm
±30%
70MHz
LQH2MCN3R3M02p
3.3
µH±20%
-
375mA
0.60ohm
±30%
65MHz
LQH2MCN4R7M02p
4.7
µH±20%
-
300mA
0.8ohm
±30%
60MHz
LQH2MCN5R6M02p
5.6
µH±20%
-
280mA
0.9ohm
±30%
60MHz
LQH2MCN6R8M02p
6.8
µH±20%
-
255mA
1.0ohm
±30%
55MHz
LQH2MCN8R2M02p
8.2
µH±20%
-
235mA
1.1ohm
±30%
50MHz
LQH2MCN100K02p
10
µH±10%
-
225mA
1.2ohm
±30%
48MHz
LQH2MCN120K02p
12
µH±10%
-
210mA
1.4ohm
±30%
44MHz
LQH2MCN150K02p
15
µH±10%
-
200mA
1.6ohm
±30%
40MHz
LQH2MCN180K02p
18
µH±10%
-
190mA
1.8ohm
±30%
35MHz
LQH2MCN220K02p
22
µH±10%
-
185mA
2.1ohm
±30%
30MHz
LQH2MCN270K02p
27
µH±10%
-
180mA
2.5ohm
±30%
30MHz
LQH2MCN330K02p
33
µH±10%
-
160mA
2.8ohm
±30%
28MHz
LQH2MCN390K02p
39
µH±10%
-
125mA
4.4ohm
±30%
24MHz
LQH2MCN470K02p
47
µH±10%
-
120mA
5.1ohm
±30%
18MHz
LQH2MCN560K02p
56
µH±10%
-
110mA
5.7ohm
±30%
17MHz
LQH2MCN680K02p
68
µH±10%
-
100mA
6.6ohm
±30%
14MHz
LQH2MCN820K02p
82
µH±10%
-
90mA
7.5ohm
±30%
14MHz
Test Frequency: 1MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range (Self-temperature rise is not included): -40
°C to +85°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQH2MCN220K02p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2MCN220K02 MURATA-LQH2MCN220K02 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH2MCN220K02 MURATA-LQH2MCN220K02 Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN220K02 MURATA-LQH2MCN220K02 Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN220K02L MURATA-LQH2MCN220K02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
More results

Similar Description - LQH2MCN220K02p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2MCN220K02L MURATA-LQH2MCN220K02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH2MCN4R7M02L MURATA-LQH2MCN4R7M02L Datasheet
74Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH2MC_02 Series (0806 Size)
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH43PN1R0N26 MURATA-LQH43PN1R0N26 Datasheet
82Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com