Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8697EUDD Datasheet(PDF) 6 Page - Linear Dimensions Semiconductor

Part # LT8697EUDD
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT8697EUDD Datasheet(HTML) 6 Page - Linear Dimensions Semiconductor

Back Button LT8697EUDD Datasheet HTML 2Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 3Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 4Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 5Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 6Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 7Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 8Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 9Page - Linear Dimensions Semiconductor LT8697EUDD Datasheet HTML 10Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT8697
6
8697p
For more information www.linear.com/LT8697
Typical perForMance characTerisTics
Switch Drop vs Temperature
TA = 25°C, unless otherwise noted.
Dropout Voltage vs ILOAD
Switching Frequency
vs Temperature
Switching Frequency vs ILOAD
Switching Frequency vs VSYS
Switch Drop vs ISW
Minimum On-Time
vs Temperature
Minimum Off-Time
vs Temperature
Minimum Off-Time
vs Temperature
TEMPERATURE (°C)
–55
0
150
250
50
100
200
5
8697 G16
155
–25
35
65
95
125
TOP SW
BOTTOM SW
SWITCH CURRENT = 1A
SWITCH CURRENT (A)
0
0
150
350
50
100
300
250
200
1
8697 G17
2.5
0.5
1.5
2
BOTTOM SW
TOP SW
LOAD CURRENT (A)
0
0
600
100
200
300
400
500
1
8697 G21
2.5
0.5
1.5
2
DCRL = 20mΩ
RSENSE = 18m
LOAD CURRENT (A)
0.0001
1900
2100
2050
1950
2000
0.01
8697 G23
10
0.001
0.1
1
RT = 16.5k
VSYS (V)
0
0
2500
2000
1500
500
1000
2
8697 G24
5
1
3
4
RT = 16.5k
TEMPERATURE (°C)
–55
70
80
100
35
95
8697 G18
60
50
–25
5
65
125
155
40
30
90
ILOAD = 0A
ILOAD = 0.9A
ILOAD = 2.1A
TEMPERATURE (°C)
–55
75
80
90
95
100
65
120
8697 G19
85
5
–25
95
125
35
155
105
110
115
ILOAD = 0A
ILOAD = 0.9A
ILOAD = 2.1A
RT = 30.1k
SYNC = 3V
TEMPERATURE (°C)
–55
95
35
8697 G20
80
70
–25
5
65
65
60
100
90
85
75
95
125 155
ILOAD = 0A
ILOAD = 0.9A
ILOAD = 2.1A
RT = 30.1k
SYNC = 1.2MHz
TEMPERATURE (°C)
–55
1.80
1.95
2.20
1.85
1.90
2.15
2.05
2.10
2.00
5
8697 G22
155
–25
35
65
95
125
RT = 16.5k


Similar Part No. - LT8697EUDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8697 LINER-LT8697 Datasheet
397Kb / 8P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Analog Devices
LT8697 AD-LT8697 Datasheet
4Mb / 40P
   5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
logo
Linear Technology
LT8697 LINER-LT8697_15 Datasheet
495Kb / 30P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
More results

Similar Description - LT8697EUDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8697 LINER-LT8697_15 Datasheet
495Kb / 30P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
LT8697 LINER-LT8697 Datasheet
397Kb / 8P
   USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
LT3697 LINER-LT3697_15 Datasheet
445Kb / 32P
   USB 5V, 2.5A Output, 35V Input Buck with Cable Drop Compensation
logo
Analog Devices
LT8698S AD-LT8698S Datasheet
4Mb / 40P
   5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
logo
Linear Technology
LTC3126 LINER-LTC3126 Datasheet
1Mb / 30P
   42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
logo
Texas Instruments
TPS25840-Q1 TI1-TPS25840-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   TPS2584x-Q1 USB Type-A BC1.2 5-V 3.5-A Output, 36-V Input Synchronous Buck With Cable Compensation
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
logo
Texas Instruments
TPS25840-Q1 TI-TPS25840-Q1_V01 Datasheet
6Mb / 63P
[Old version datasheet]   TPS2584x-Q1 Automotive USB Type-A BC1.2 5-V 3.5-A Output, 36-V Input Synchronous Buck With Cable Compensation
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com