Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7900TB3TG Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM7900TB3TG
Description  1.5A NEGATIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7900TB3TG Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM7900TB3TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7900TB3TG Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
GM7900 Series
1.5A NEGATIVE VOLTAGE REGULATOR
GM7912 Electrical Characteristics (V
I = -19V, IO = 500mA unless otherwise noted)
Parameter
Test Condition (Note 1)
Min
Typ
Max
Unit
25°C
-11.5
-12
-12.5
Output Voltage (note *)
IO =5mA to 1A
VI = -14.5V to -27V, P≦15W
0°C to 125°C
-11.4
-12
-12.6
V
VI = -14.5V to -30V
5
80
Input Regulation
VI = -16V to -22V
25°C
3
30
mV
Ripple Rejection
VI = -15V to -25V, f = 120KHz
0°C to 125°C
54
60
dB
IO = 5mA to 1.5A
15
200
Output Regulation
IO = 250mA to 750mA
25°C
5
75
mV
Temperature Coefficient
of Output Voltage
IO = 5mA
0°C to 125°C
-0.8
mV/°C
Output Noise Voltage
f = 10Hz to 100KHz
25°C
300
µV
Dropout Voltage
IO = 1A
25°C
1.5
V
Bias Current
25°C
2
3
mA
VI = -14.5V to -30V
0.04
0.5
Bias Current Change
IO = 5mA to 1A
0°C to 125°C
0.06
0.5
mA
Peak Output Current
25°C
2.1
A
GM7915 Electrical Characteristics (V
I = -23V, IO = 500mA unless otherwise noted)
Parameter
Test Condition (Note 1)
Min
Typ
Max
Unit
25°C
-14.4
-15
-15.6
Output Voltage (note *)
IO =5mA to 1A
VI = -17.5V to -30V, P≦15W
0°C to 125°C
-14.25
-15
-15.75
V
VI = -17.5V to -30V
5
100
Input Regulation
VI = -20V to -26V
25°C
3
50
mV
Ripple Rejection
VI = 15V to 25V, f = 120KHz
0°C to 125°C
54
60
dB
IO = 5mA to 1.5A
15
200
Output Regulation
IO = 250mA to 750mA
25°C
5
75
mV
Temperature Coefficient
of Output Voltage
IO = 5mA
0°C to 125°C
-1.0
mV/°C
Output Noise Voltage
f = 10Hz to 100KHz
25°C
375
µV
Dropout Voltage
IO = 1A
25°C
1.5
V
Bias Current
25°C
2
3
mA
VI = -17.5V to -30V
0.04
0.5
Bias Current Change
IO = 5mA to 1A
0°C to 125°C
0.06
0.5
mA
Peak Output Current
25°C
2.1
A
Note *: This specification applies only for dc power dissipation permitted by absolute maximum ratings.
Note 1: Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Thermal effects must be taken into account separately.


Similar Part No. - GM7900TB3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
GM79L00S8R GAMMA-GM79L00S8R Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
GM79L00S8T GAMMA-GM79L00S8T Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
GM79L00ST89R GAMMA-GM79L00ST89R Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
GM79L00T92B GAMMA-GM79L00T92B Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - GM7900TB3TG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79DXXAA UTC-79DXXAA Datasheet
211Kb / 5P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
LM79XXA UTC-LM79XXA Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
79D05AA UTC-79D05AA Datasheet
196Kb / 4P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
SHIKUES Electronics
SK79 SKTECHNOLGY-SK79 Datasheet
915Kb / 4P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79TXXAA UTC-79TXXAA Datasheet
190Kb / 5P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1925 NTE-NTE1925 Datasheet
25Kb / 2P
   3 Terminal Negative Voltage Regulator -18V, 1.5A
NTE1923 NTE-NTE1923 Datasheet
25Kb / 2P
   3 Terminal Negative Voltage Regulator -18V, 1.5A
logo
Linear Technology
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
   ??6V, 1.5A Negative Linear Regulator
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
   1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
NTE Electronics
NTE1919 NTE-NTE1919 Datasheet
24Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com