Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM9130HVTB5TG Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM9130HVTB5TG
Description  3A LED Driver with Dimming Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM9130HVTB5TG Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM9130HVTB5TG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM9130HVTB5TG Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
GM9130HV
3A LED Driver with Dimming Control
www.gammamicro.com.tw
Typical Application Circuits
Description
GM9130HV is the monolithic IC designed for a
step-down DC/DC converter capable of driving
3A load without an additional transistor. The
input voltage range is up to 60V. Its feedback
voltage, VFB, is 200mV. The GM9130HV
operates at a switching frequency of 52kHz. The
external shutdown function is controlled by a
logic level on the ON/OFF pin and then the circuit
comes into the standby mode with ISTBY~50μA
(typ.).
The ON/OFF pin may be used for the analog
dimming. As the voltage on the ON/OFF pin is
increased from 0.07V to 0.67V, the voltage on
the FB pin falls from 200mV to 0.
The self-protection features include a cycle-by-
cycle current limit and a thermal protection.
The GM9130HV is available in standard TO220-
5, and TO263-5 packages.
Besides, SOP8 with heat sink and TO252-5
packages are also available. However, these
packages are limited to heat dissipation and the
ILED is suggested below 2A.
Features
Maximum input voltage up to 60V
VFB: 200mV
Frequency: 52KHz
ILED = 3.0A maximum
ON/OFF input may be used for the analog
dimming
Thermal protection
Cycle by cycle current limit
SW
VIN up to 60V
GM9130HV
FB
L1
100μH
COUT
470μF
4
ON/OFF
2
VIN
5
1
CIN2
0.10μF
CIN1
470μF
RLOAD
Figure 1. Application for GM9130HV


Similar Part No. - GM9130HVTB5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM9135 GAMMA-GM9135 Datasheet
280Kb / 5P
   Only 5 external components required
More results

Similar Description - GM9130HVTB5TG

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
   White LED Driver with Automatic Dimming Control
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
New Japan Radio
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
   White LED Driver with Automatic Dimming Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Richtek Technology Corp...
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
   8V Multi-Topology LED Driver with Dimming Control
logo
Lowpower Semiconductor ...
LP3351 POWER-LP3351 Datasheet
325Kb / 7P
   PWM Dimming Control for LED Driver
logo
Kinetic Technologies.
KTD3156 KINETIC-KTD3156 Datasheet
765Kb / 16P
   6P10S LED Driver with PWM-Control Mixed-Mode Dimming
November 2015
KTD3156B KINETIC-KTD3156B Datasheet
609Kb / 16P
   6P10S LED Driver with PWM-Control Mixed-Mode Dimming
April 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com