Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0805KRX7R9BB221 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CC0805KRX7R9BB221
Description  This specification describes X7R series chip capacitors with lead-free terminations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC0805KRX7R9BB221 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CC0805KRX7R9BB221 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 8Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.yageo.com
Oct 13, 2011 V.8
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
4
20
Product specification
X7R
L2 / L3 (mm) L4 (mm)
TYPE
L1 (mm)
W (mm)
T (MM)
min.
max.
min.
0201
0.6 ±0.03
0.3 ±0.03
0.10
0.20
0.20
0402
1.0 ±0.05
0.5 ±0.05
0.15
0.30
0.40
1.6 ±0.10 (1)
0.8 ±0.10 (1)
0603
1.6 ±0.15 (2)
0.8 ±0.15 (2)
0.20
0.60
0.40
2.0 ±0.10 (1)
1.25 ±0.10 (1)
0805
2.0 ±0.20 (2)
1.25 ±0.20 (2)
0.25
0.75
0.55
3.2 ±0.15 (1)
1.6 ±0.15 (1)
1206
3.2 ±0.30 (2)
1.6 ±0.20 (2)
0.25
0.75
1.40
3.2 ±0.20 (1)
2.5 ±0.20 (1)
1210
3.2 ±0.40 (2)
2.5 ±0.30 (2)
0.25
0.75
1.40
4.5 ±0.20 (1)
3.2 ±0.20 (1)
1812
4.5 ±0.40 (2)
3.2 ±0.40 (2)
Refer to
table 2 to 4
0.25
0.75
2.20
NOTE
1. Dimension for size 0603, C < 10 µF; 0805 to 1812, C ≤ 100nF
2. Dimension for size 0603, C ≥ 10 µF; 0805 to 1812, C > 100 nF
CONSTRUCTION
The capacitor consists of a
rectangular block of ceramic
dielectric in which a number of
interleaved metal electrodes are
contained. This structure gives
rise to a high capacitance per
unit volume.
The inner electrodes are
connected to the two end
terminations and finally covered
with a layer of plated tin (NiSn).
The terminations are lead-free. A
cross section of the structure is
shown in Fig.1.
MLB457
terminations
electrodes
ceramic material
Fig. 1 Surface mounted multilayer ceramic capacitor construction
Table 1 For outlines see fig. 2
DIMENSION
MBB211
T
L 4
L 1
L 2
L 3
W
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 2 Surface mounted multilayer
ceramic capacitor dimension


Similar Part No. - CC0805KRX7R9BB221

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805KRX7R9BB102 YAGEO-CC0805KRX7R9BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
Dialog Semiconductor
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
logo
Diodes Incorporated
CC0805KRX7R9BB104 DIODES-CC0805KRX7R9BB104 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - CC0805KRX7R9BB221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0603JPNPO9BN270 ETC2-CC0603JPNPO9BN270 Datasheet
792Kb / 16P
   This specification describes NP0 series chip capacitors with lead-free terminations
CC1206JRNPOBBN471 ETC2-CC1206JRNPOBBN471 Datasheet
395Kb / 15P
   This specification describes NP0series ship capacitors with lead-free terminations.
CC0805ZKY5V6BB106 ETC2-CC0805ZKY5V6BB106 Datasheet
360Kb / 14P
   This cpecification describes Y5V series chip catacitors with lead-free terminations.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206FR-0722KL ETC2-RC1206FR-0722KL Datasheet
433Kb / 9P
   This specification describes SCI206 series chip resistors with lead-free terminations made by thick film process
RC0402FR-073KL ETC2-RC0402FR-073KL Datasheet
309Kb / 9P
   This specification describes RC0402 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com