Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM66300-1.8TA3RG Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM66300-1.8TA3RG
Description  3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66300-1.8TA3RG Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM66300-1.8TA3RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 12Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 13Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 14Page - Gamma Microelectronics Inc. GM66300-1.8TA3RG Datasheet HTML 15Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
2010/3/2
GM66300 Series
3.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Typical Application Circuits
The GM66300/01/02 is a high performance, low dropout voltage regulator suitable for moderate to high-current
voltage regulator applications. Its 500mV dropout voltage at full load makes it especially valuable in battery-powered
systems and a high-efficiency noise filter in post-regulator applications.
Unlike older NPN-pass transistor designs, where the minimum dropout voltage is limited by the base-to-emitter voltage
drop and collector-to-emitter saturation voltage, dropout performance of the PNP output of these devices is limited
only by the low VCE saturation voltage. A trade-off for the low dropout voltage is a varying base drive requirement.
Super beta PNP process reduces this drive requirement to only 2% to 5% of the load current.
The GM66300/01/02 regulator is fully protected from damage due to fault conditions. Current limiting is provided. This
limiting is linear, output current during overload conditions is constant. Thermal shutdown disables the device when
the die temperature exceeds the maximum safe operating temperature. Transient protection allows device (and load)
survival even when the input voltage spikes above and below nominal. The output structure of these regulators allows
voltages in excess of the desired output voltage to be applied without reverse current flow.
Thermal design
Linear regulators are simple to use. The most complicated design parameters to consider are thermal
characteristics.
Thermal design requires four application-specific parameters:
Maximum ambient temperature (TA)
Output Current (IOUT)
Output Voltage (VOUT)
Input Voltage (VIN)
Ground Current (IGND)
Calculate the power dissipation of the regulator from these numbers and the device parameters from this
datasheet, where the ground current is taken from data sheet
PD = (VIN - VOUT) x IOUT + VIN x IGND
The heat sink thermal resistance is determined by:
θJA =
TJ(max) – TA
– (θJC CS)
PD
where TJ(max) ≤125°C and θCS is between 0°C and 2°C/W.
The heat sink may by significantly reduced in applications where the minimum input voltage is known and is
large compared with the dropout voltage. Use a series input resistor to drop excessive voltage and distribute the
heat between this resistor and the regulator. The low dropout properties of Super βeta PNP regulators allow
significant reductions in regulator power dissipation and the associated heat sink without compromising
performance. When this technique is employed, a capacitor of at least 1.0µF is needed directly between the
input and regulator ground. Refer to Application Note 9 for further details and examples on thermal design and
heat sink specification.
Output Capacitor
The GM66300/1/2 requires an output capacitor to maintain stability and improve transient response. Proper
capacitor selection is important to ensure proper operation. The GM66300/1/2 output capacitor selection is
dependent upon the ESR (equivalent series resistance) of the output capacitor to maintain stability. When the
output capacitor is 47µF or greater, the output capacitor should have less than 1. of ESR. This will improve
transient response as well as promote stability. Ultra-low ESR capacitors, such as ceramic chip capacitors may
promote instability. These very low ESR levels may cause an oscillation and/or underdamped transient
response. A low-ESR solid tantalum capacitor works extremely well and provides good transient response and
stability over temperature. Aluminum electrolytics can also be used, as long as the ESR of the capacitor is ≤1Ω.
The value of the output capacitor can be increased without limit. Higher capacitance values help to improve
transient response and ripple rejection and reduce output noise.


Similar Part No. - GM66300-1.8TA3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300-1.8TA3R GAMMA-GM66300-1.8TA3R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66300-1.8TA3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com