Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF173CQ Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF173CQ
Description  N-CHANNEL BROADBAND RF POWER MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF173CQ Datasheet(HTML) 2 Page - Motorola, Inc

  MRF173CQ Datasheet HTML 1Page - Motorola, Inc MRF173CQ Datasheet HTML 2Page - Motorola, Inc MRF173CQ Datasheet HTML 3Page - Motorola, Inc MRF173CQ Datasheet HTML 4Page - Motorola, Inc MRF173CQ Datasheet HTML 5Page - Motorola, Inc MRF173CQ Datasheet HTML 6Page - Motorola, Inc MRF173CQ Datasheet HTML 7Page - Motorola, Inc MRF173CQ Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF173 MRF173CQ
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 28 V, VGS = 0 V, f = 1.0 MHz)
Ciss
110
pF
Output Capacitance (VDS = 28 V, VGS = 0 V, f = 1.0 MHz)
Coss
105
pF
Reverse Transfer Capacitance (VDS = 28 V, VGS = 0 V, f = 1.0 MHz)
Crss
10
pF
FUNCTIONAL CHARACTERISTICS
Noise Figure (VDD = 28 V, f = 150 MHz, IDQ = 50 mA)
NF
1.5
dB
Common Source Power Gain
(VDD = 28 V, Pout = 80 W, f = 150 MHz, IDQ = 50 mA)
Gps
11
13
dB
Drain Efficiency (VDD = 28 V, Pout = 80 W, f = 150 MHz, IDQ = 50 mA)
η
55
60
%
Electrical Ruggedness
(VDD = 28 V, Pout = 80 W, f = 150 MHz, IDQ = 50 mA)
Load VSWR 30:1 at all phase angles
ψ
No Degradation in Output Power
Series Equivalent Input Impedance
MRF173
(VDD = 28 V, Pout = 80 W, f = 150 MHz, IDQ = 50 mA)
Zin
2.99 – j4.5
Ohms
Series Equivalent Output Impedance
MRF173
(VDD = 28 V, Pout = 80 W, f = 150 MHz, IDQ = 50 mA)
Zout
2.68 – j1.3
Ohms
Series Equivalent Input Impedance
MRF173CQ
(VDD = 28 V, Pout = 80 W, f = 150 MHz, IDQ = 50 mA)
Zin
1.35 – j5.15
Ohms
Series Equivalent Output Impedance
MRF173CQ
(VDD = 28 V, Pout = 80 W, f = 150 MHz, IDQ = 50 mA)
Zout
2.72 – j149
Ohms
C1, C15 — 470 pF Unelco
C2, C3, C5 — 9–180 pF, Arco 463
C4, C6 — 15 pF, Unelco
C7 — 5–80 pF, Arco 462
C8, C10, C14, C16 — 0.1
µF
C9, C13 — 50
µF, 50 Vdc
C11, C12 — 680 pF, Feed Through
L1 — #16 AWG, 1–1/4 Turns, 0.3
″ ID
L2 — #16 AWG Hairpin 1
″ long
L3 — #14 AWG Hairpin 0.8
″ long
L4 — #14 AWG Hairpin 1.1
″ long
RFC1 — Ferroxcube VK200–19/4B
RFC2 — 18 Turns #18 AWG Enameled, 0.3
″ ID
R1 — 10 k
Ω, 10 Turns Bourns
R2 — 1.8 k
Ω, 1/4 W
R3 — 10 k
Ω, 1/2 W
Z1 — 1N5925A Motorola Zener
R1
C11
R2
C8
C9
Z1
C10
C13
C14
C12
C1
C2
C3
C4
C5
C6
C7
C15
L1
L2
L3
L4
RF
INPUT
RF
OUTPUT
VDD = 28 V
+
RFC1
RFC2
R3
C16
+
+
D.U.T.
Figure 1. 150 MHz Test Circuit
Vdc


Similar Part No. - MRF173CQ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
   The RF MOSFET Line 80W, 175MHz, 28V
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
   The RF MOSFET Line 80W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF173CQ NJSEMI-MRF173CQ Datasheet
103Kb / 2P
   RF Power Field Effect Transistors
logo
M/A-COM Technology Solu...
MRF173CQ MA-COM-MRF173CQ_15 Datasheet
229Kb / 9P
   The RF MOSFET Line
More results

Similar Description - MRF173CQ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
   N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com