Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEMP150G-S150080-7 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HEMP150G-S150080-7
Description  UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HEMP150G-S150080-7 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HEMP150G-S150080-7 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HEMP150G-S150080-7 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-8-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT (Model No. for example)
MODEL NO.
AC INLET
O/P VOLTAGE
O/P CURRENT
HEMP150G-S120100-7
IEC320-C14(DT7)
12Vdc
10.0A
HEMP150G-S120100-7L
IEC320-C6(DT7L)
12Vdc
10.0A
HEMP150G-S120100-8
IEC320-C8(DT8)
12Vdc
10.0A
HEMP150G-S150080-7
IEC320-C14(DT7)
15Vdc
8.0A
HEMP150G-S150080-8
IEC320-C8(DT8)
15Vdc
8.0A
HEMP150G-S240060-7
IEC320-C14(DT7)
24Vdc
6.0A
HEMP150G-S240060-7L
IEC320-C6(DT7L)
24Vdc
6.0A
HEMP150G-S240060-8
IEC320-C8(DT8)
24Vdc
6.0A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 798g (28.15Oz.)
UL2464 18AWG,600mm


Similar Part No. - HEMP150G-S150080-7

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HEMP156G HITRON-HEMP156G Datasheet
277Kb / 2P
   Energy Efficiency Level VI
HEMP156G-S120125-7 HITRON-HEMP156G-S120125-7 Datasheet
277Kb / 2P
   Energy Efficiency Level VI
HEMP156G-S120125-7L HITRON-HEMP156G-S120125-7L Datasheet
277Kb / 2P
   Energy Efficiency Level VI
HEMP156G-S240625-7 HITRON-HEMP156G-S240625-7 Datasheet
277Kb / 2P
   Energy Efficiency Level VI
HEMP156G-S240625-7L HITRON-HEMP156G-S240625-7L Datasheet
277Kb / 2P
   Energy Efficiency Level VI
More results

Similar Description - HEMP150G-S150080-7

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP600 HITRON-HVP600 Datasheet
128Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
logo
Total Power Internation...
TPVP-93 TOTAL-POWER-TPVP-93 Datasheet
382Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION
TPPU-100 TOTAL-POWER-TPPU-100 Datasheet
393Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
TPVP-200 TOTAL-POWER-TPVP-200 Datasheet
403Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com